Electronic Components Datasheet Search
  English  ▼

X  

DN2624 Datasheet(PDF) 1 Page - Supertex, Inc

Part # DN2624
Description  N-Channel Depletion-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

DN2624 Datasheet(HTML) 1 Page - Supertex, Inc

  DN2624 Datasheet HTML 1Page - Supertex, Inc DN2624 Datasheet HTML 2Page - Supertex, Inc DN2624 Datasheet HTML 3Page - Supertex, Inc DN2624 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
8-9
8
TO-92
BV
DSX /RDS(ON)
I
DSS
BVDGX
(max)
(min)
TO-92
Die
240V
4.0Ω
600mA
DN2624N3
DN2624ND
Advanced DMOS Technology
These low threshold depletion-mode (normally-on) transistors
utilize an advanced vertical DMOS structure and Supertex’s
well-proven silicon-gate manufacturing process. This combina-
tion produces devices with the power handling capabilities of
bipolar transistors and with the high input impedance and posi-
tive temperature coefficient inherent in MOS devices. Character-
istic of all MOS structures, these devices are free from thermal
runaway and thermally-induced secondary breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a wide range
of switching and amplifying applications where high breakdown
voltage, high input impedance, low input capacitance, and fast
switching speeds are desired.
Ordering Information
N-Channel Depletion-Mode
Vertical DMOS FETs
Applications
Normally-on switches
Solid state relays
Converters
Linear amplifiers
Constant current sources
Power supply circuits
Telecom
Absolute Maximum Ratings
Drain-to-Source Voltage
BVDSX
Drain-to-Gate Voltage
BV
DGX
Gate-to-Source Voltage
± 20V
Operating and Storage Temperature
-55°C to +150°C
Soldering Temperature*
300°C
* Distance of 1.6 mm from case for 10 seconds.
Features
High input impedance
Low input capacitance
Fast switching speeds
Low on resistance
Free from secondary breakdown
Low input and output leakage
Order Number / Package
Package Options
Note: See Package Outline section for dimensions.
DN2624
S G D
– OBSOLETE
–


Similar Part No. - DN2624

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
DN2625 SUTEX-DN2625 Datasheet
881Kb / 7P
N-Channel Depletion-Mode Vertical DMOS FETs
logo
Microchip Technology
DN2625 MICROCHIP-DN2625 Datasheet
563Kb / 14P
N-Channel Depletion-Mode Vertical DMOS FET in Single and Dual Options
11/07/16
DN2625DK4-G MICROCHIP-DN2625DK4-G Datasheet
563Kb / 14P
N-Channel Depletion-Mode Vertical DMOS FET in Single and Dual Options
11/07/16
logo
Supertex, Inc
DN2625DK6-G SUTEX-DN2625DK6-G Datasheet
1,020Kb / 7P
N-Channel Depletion-Mode Vertical DMOS FET in Single and Dual Options
logo
Microchip Technology
DN2625DK6-G MICROCHIP-DN2625DK6-G Datasheet
563Kb / 14P
N-Channel Depletion-Mode Vertical DMOS FET in Single and Dual Options
11/07/16
More results

Similar Description - DN2624

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
DN2530 SUTEX-DN2530 Datasheet
87Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2535 SUTEX-DN2535 Datasheet
90Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
DN3125 SUTEX-DN3125 Datasheet
66Kb / 2P
N-Channel Depletion-Mode Vertical DMOS FETs
DN3545 SUTEX-DN3545 Datasheet
102Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2625 SUTEX-DN2625 Datasheet
881Kb / 7P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2535 SUTEX-DN2535_07 Datasheet
730Kb / 6P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2540 SUTEX-DN2540_07 Datasheet
814Kb / 8P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2640 SUTEX-DN2640 Datasheet
43Kb / 2P
N-Channel Depletion-Mode Vertical DMOS FETs
DN3145 SUTEX-DN3145_07 Datasheet
393Kb / 3P
N-Channel Depletion-Mode Vertical DMOS FETs
logo
Clare, Inc.
CPC3730C CLARE-CPC3730C Datasheet
392Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com