Electronic Components Datasheet Search
  English  ▼

X  

DN2624 Datasheet(PDF) 4 Page - Supertex, Inc

Part # DN2624
Description  N-Channel Depletion-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

DN2624 Datasheet(HTML) 4 Page - Supertex, Inc

  DN2624 Datasheet HTML 1Page - Supertex, Inc DN2624 Datasheet HTML 2Page - Supertex, Inc DN2624 Datasheet HTML 3Page - Supertex, Inc DN2624 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
8-12
DN2624
Typical Performance Curves
Output Characteristics
2.0
1.6
1.2
0.8
0.4
0
010
20
30
40
50
VDS (volts)
VDS (volts)
VDS (volts)
Transconductance vs. Drain Current
ID (amperes)
Power Dissipation vs. Temperature
0
150
100
50
125
75
25
TA(°C)
VGS = 1.0V
0.5V
0V
-0.5V
-1.0V
Saturation Characteristics
2.0
1.6
1.2
0.8
0.4
0
1.0
0.8
0.6
0.4
0.2
0
02
4
6
10
8
Maximum Rated Safe Operating Area
1
1000
100
10
1.0
0.1
0.01
0.001
TO-92 (pulsed)
TA = 25°C
TO-92 (DC)
Thermal Response Characteristics
1.0
0.8
0.6
0.4
0.2
0.001
10
0.01
0.1
1
tp (seconds)
0
2.0
1.6
1.2
0.8
0.4
0
0
1.0
0.2
0.4
0.6
0.8
VDS = 10V
TA = -55°C
TA = 25°C
TA = 125°C
TO-92
PD = 1.0W
TA = 25°C
-1.0V
-0.5V
0V
0.5V
VGS = 1.0V
TO-92
– OBSOLETE
–



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com