Electronic Components Datasheet Search
  English  ▼

X  

DN3525 Datasheet(PDF) 1 Page - Supertex, Inc

Part # DN3525
Description  N-Channel Depletion-Mode Vertical DMOS FETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

DN3525 Datasheet(HTML) 1 Page - Supertex, Inc

  DN3525 Datasheet HTML 1Page - Supertex, Inc DN3525 Datasheet HTML 2Page - Supertex, Inc DN3525 Datasheet HTML 3Page - Supertex, Inc DN3525 Datasheet HTML 4Page - Supertex, Inc DN3525 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DN3525
Features
High input impedance
Low input capacitance
Fast switching speeds
Low on resistance
Free from secondary breakdown
Low input and output leakage
Applications
Normally-on switches
Solid state relays
Converters
Constant current sources
Power supply circuits
Telecom
►
►
►
►
►
►
►
►
►
►
►
►
General Description
The Supertex DN3525 is a low threshold depletion-mode
(normally-on)
transistor
utilizing
an
advanced
vertical
DMOS structure and Supertex’s well-proven silicon-gate
manufacturing process. This combination produces a device
with the power handling capabilities of bipolar transistors
and with the high input impedance and positive temperature
coefficient inherent in MOS devices. Characteristic of all
MOS structures, this device is free from thermal runaway and
thermally-induced secondary breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a
wide range of switching and amplifying applications where
high breakdown voltage, high input impedance, low input
capacitance, and fast switching speeds are desired.
Absolute Maximum Ratings
Parameter
Value
Drain-to-source voltage
BV
DSX
Drain-to-gate voltage
BV
DGX
Gate-to-source voltage
±20V
Operating and storage temperature
-55OC to +150OC
Soldering temperature*
300OC
Absolute Maximum Ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability. All
voltages are referenced to device ground.
*Distance of 1.6mm from case for 10 seconds.
Ordering Information
BV
DSX/
BV
DGX
R
DS(ON)
(max)
I
DSS
(min)
Package Options
TO-243AA1
250V
6.0Ω
300mA
DN3525N8
DN3525N8-G
-G indicates package is RoHS compliant (‘Green’)
Notes: 1Same as SOT-89.
N-Channel Depletion-Mode Vertical DMOS FETs
Pin Configuration
TO-243AA
(top view)
G
D
S
D
Product marking for TO-243AA:
where
= 2-week alpha date code
DN5C


Similar Part No. - DN3525

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
DN3525 SUTEX-DN3525 Datasheet
77Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
logo
Microchip Technology
DN3525 MICROCHIP-DN3525 Datasheet
451Kb / 14P
N-Channel Depletion-Mode Vertical DMOS FET
10/25/17
logo
Supertex, Inc
DN3525N8 SUTEX-DN3525N8 Datasheet
77Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
DN3525N8-G SUTEX-DN3525N8-G Datasheet
651Kb / 5P
N-Channel Depletion-Mode
logo
Microchip Technology
DN3525N8-G MICROCHIP-DN3525N8-G Datasheet
451Kb / 14P
N-Channel Depletion-Mode Vertical DMOS FET
10/25/17
More results

Similar Description - DN3525

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
DN2535 SUTEX-DN2535 Datasheet
90Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
DN3125 SUTEX-DN3125 Datasheet
66Kb / 2P
N-Channel Depletion-Mode Vertical DMOS FETs
DN3545 SUTEX-DN3545 Datasheet
102Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2625 SUTEX-DN2625 Datasheet
881Kb / 7P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2535 SUTEX-DN2535_07 Datasheet
730Kb / 6P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2540 SUTEX-DN2540_07 Datasheet
814Kb / 8P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2624 SUTEX-DN2624 Datasheet
54Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
DN2640 SUTEX-DN2640 Datasheet
43Kb / 2P
N-Channel Depletion-Mode Vertical DMOS FETs
DN3145 SUTEX-DN3145_07 Datasheet
393Kb / 3P
N-Channel Depletion-Mode Vertical DMOS FETs
logo
Clare, Inc.
CPC3730C CLARE-CPC3730C Datasheet
392Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com