Electronic Components Datasheet Search
  English  ▼

X  

DN3525 Datasheet(PDF) 4 Page - Supertex, Inc

Part # DN3525
Description  N-Channel Depletion-Mode Vertical DMOS FETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

DN3525 Datasheet(HTML) 4 Page - Supertex, Inc

  DN3525 Datasheet HTML 1Page - Supertex, Inc DN3525 Datasheet HTML 2Page - Supertex, Inc DN3525 Datasheet HTML 3Page - Supertex, Inc DN3525 Datasheet HTML 4Page - Supertex, Inc DN3525 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
DN3525
Typical Performance Curves (cont.)
0
1000
2000
3000
4000
5000
-5
-4
-3
-2
-1
0
1
2
3
0
10203040
0
50
100
150
200
250
300
350
-3
-2
-1
0
1
2
0
400
800
1200
1600
2000
ID (Amperes)
On Resistance vs. Drain Current
VGS(OFF) and RDS(ON) w/ Temperature
TJ (OC)
Transfer Characteristics
VGS (Volts)
-50
0
50
100
150
0.8
0.9
1.0
1.1
1.2
I
D = 100A
V
GS = -5V
V
DS = 10V
T
A = -55
OC
T
A = 25
OC
T
A = 125
OC
V
GS = -5V
C
ISS
C
OSS
C
RSS
I
D = 200mA
V
DS=30V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
5
10
15
20
25
V
GS = 0V
T
J = 25
OC
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
V
GS(OFF) @ 1mA, 15V
R
DS(on) @ 0V, 200mA
TJ (OC)
BVDSV Variation with Temperature
Capacitance vs. Drain Source Voltage
V
DS (volts)
Gate Drive Dynamic Characteristics
Q (picocoulombs)
G



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com