Electronic Components Datasheet Search
  English  ▼

X  

MIC5301YML Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5301YML
Description  Single, 150mA 關Cap ULDO?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5301YML Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC5301YML Datasheet HTML 2Page - Micrel Semiconductor MIC5301YML Datasheet HTML 3Page - Micrel Semiconductor MIC5301YML Datasheet HTML 4Page - Micrel Semiconductor MIC5301YML Datasheet HTML 5Page - Micrel Semiconductor MIC5301YML Datasheet HTML 6Page - Micrel Semiconductor MIC5301YML Datasheet HTML 7Page - Micrel Semiconductor MIC5301YML Datasheet HTML 8Page - Micrel Semiconductor MIC5301YML Datasheet HTML 9Page - Micrel Semiconductor MIC5301YML Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Micrel, Inc.
MIC5301
November 2006
6
M9999-111506
Typical Characteristics
10
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
Power Supply
Rejection Ratio
10
FREQUENCY (kHz)
1
0.1
100
1,000
100µA
50mA
150mA
VIN = 3.85V
VOUT = 2.85V
COUT = 1µF
CBYP = 0.1µF
40
45
50
55
60
Dropout Voltage
vs. Temperature
TEMPERATURE (°C)
VIN = VOUT + 1V
VOUT = 2.8V
COUT = 1µF
150mA
100mA
50mA
25mA
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
35
40
45
50
0
25
50
75 100 125 150
OUTPUT CURRENT (mA)
Dropout Voltage
vs. Output Current
VIN = VOUT + 1V
VOUT = 2.85V
COUT = 1µF
2.82
2.83
2.84
2.85
2.86
2.87
2.88
0
25
50
75
100 125 150
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
VIN = VOUT + 1V
VOUT = 2.85V
COUT = 1µF
0
0.5
1.0
1.5
2.0
2.5
3.0
01
23456
SUPPLY VOLTAGE (V)
Output Voltage
vs. Supply Voltage
100µA
150mA
VOUT = 2.85V
2.25
2.45
2.65
3.05
3.25
3.45
TEMPERATURE (°C)
Output Voltage
vs. Temperature
2.85
VIN = VOUT + 1V
VOUT = 2.85V
COUT = 1µF
IOUT = 100µA
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75
100 125 150
OUTPUT CURRENT (mA)
Ground Current
vs. Output Current
VIN = VOUT + 1V
VOUT = 2.85V
COUT = 1µF
70
72
74
80
82
84
86
88
90
Ground Current
TEMPERATURE (°C)
vs. Temperature
VIN = VOUT + 1V
VOUT = 2.85V
COUT = 1µF
150mA
100µA
76
78
0
10
20
30
40
50
60
70
80
90
100
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
Ground Current
vs. Supply Voltage
100µA
150mA
410
420
430
440
450
460
470
480
490
500
510
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
Current Limit
vs. Input Voltage
VEN = VIN
COUT = 1µF
0.001
0.01
0.1
1
10
Output Noise
Spectral Density
10
FREQUENCY (kHz)
1
0.01
100
10,000
0.1
1,000
VIN = 4V
VOUT = 2.85V
COUT = 1µF
CBYP = 0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com