Electronic Components Datasheet Search
  English  ▼

X  

MIC5301YML Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5301YML
Description  Single, 150mA 關Cap ULDO?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5301YML Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC5301YML Datasheet HTML 3Page - Micrel Semiconductor MIC5301YML Datasheet HTML 4Page - Micrel Semiconductor MIC5301YML Datasheet HTML 5Page - Micrel Semiconductor MIC5301YML Datasheet HTML 6Page - Micrel Semiconductor MIC5301YML Datasheet HTML 7Page - Micrel Semiconductor MIC5301YML Datasheet HTML 8Page - Micrel Semiconductor MIC5301YML Datasheet HTML 9Page - Micrel Semiconductor MIC5301YML Datasheet HTML 10Page - Micrel Semiconductor MIC5301YML Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Micrel, Inc.
MIC5301
November 2006
9
M9999-111506
To determine the maximum ambient operating
temperature of the package, use the junction-to-
ambient thermal resistance of the device and the
following basic equation:
PD(MAX) =
TJ(MAX) - TA
JA
⎝
⎛
TJ(max) = 125°C, the maximum junction temperature of
the die θJA thermal resistance = 100°C/W.
The table below shows junction-to-ambient thermal
resistance for the MIC5301 in the 6-pin 1.6mm x
1.6mm MLF
® package.
Package
θJA Recommended
Minimum Footprint
6-Pin 1.6x1.6 MLF
®
100°C/W
Thermal Resistance
Substituting PD for PD(max) and solving for the ambient
operating
temperature
will
give
the
maximum
operating conditions for the regulator circuit. The
junction-to-ambient
thermal
resistance
for
the
minimum footprint is 100°C/W.
The maximum power dissipation must not be
exceeded for proper operation.
For example, when operating the MIC5301-2.8YML at
an input voltage of 5V and 150mA load with a
minimum footprint layout, the maximum ambient
operating temperature TA can be determined as
follows:
0.33W = (125°C – TA)/(100°C/W)
TA=92°C
Therefore, a 2.8V application with 150mA of output
current can accept an ambient operating temperature
of 92°C in a 1.6mm x 1.6mm MLF
® package. For a full
discussion of heat sinking and thermal effects on
voltage regulators, refer to the “Regulator Thermals”
section of Micrel’s Designing with Low-Dropout
Voltage Regulators
handbook. This information can
be found on Micrel's website at:
http://www.micrel.com/_PDF/other/LDOBk_ds.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com