Electronic Components Datasheet Search
  English  ▼

X  

TPR70 Datasheet(PDF) 4 Page - 3PEAK INC.

Part # TPR70
Description  Low-Noise, Low-Drift, Precision Voltage Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPR70 Datasheet(HTML) 4 Page - 3PEAK INC.

  TPR70 Datasheet HTML 1Page - 3PEAK INC. TPR70 Datasheet HTML 2Page - 3PEAK INC. TPR70 Datasheet HTML 3Page - 3PEAK INC. TPR70 Datasheet HTML 4Page - 3PEAK INC. TPR70 Datasheet HTML 5Page - 3PEAK INC. TPR70 Datasheet HTML 6Page - 3PEAK INC. TPR70 Datasheet HTML 7Page - 3PEAK INC. TPR70 Datasheet HTML 8Page - 3PEAK INC. TPR70 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Pin Configuration and Functions
TPR70 Series
SOP8 Package
Top View
NC
IN
NC
GND
DNC
DNC
OUT
NR
4
3
2
1
5
6
7
8
1
2
3
4
8
7
6
5
Table 1. Pin Functions: TPR70
Pin No.
Pin Name
I/O
Description
7, 8
DNC
–
Do not connect. Left this pin open or connected to the ground.
4
GND
–
Ground.
2
IN
I
Supply voltage input pin.
1, 3
NC
–
No internal connection.
5
NR
I
Noise reduction pin. A 10-nF or larger capacitor from NR to
GND (as close as possible to the NR pin) is recommended to
minimize the output noise level.
6
OUT
O
Reference voltage output pin.
TPR70
Low-Noise, Low-Drift, Precision Voltage Reference
www.3peak.com
4 / 18
DA20231202A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com