Electronic Components Datasheet Search
  English  ▼

X  

HV441 Datasheet(PDF) 7 Page - Supertex, Inc

Part # HV441
Description  High-Voltage Ring Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV441 Datasheet(HTML) 7 Page - Supertex, Inc

  HV441 Datasheet HTML 1Page - Supertex, Inc HV441 Datasheet HTML 2Page - Supertex, Inc HV441 Datasheet HTML 3Page - Supertex, Inc HV441 Datasheet HTML 4Page - Supertex, Inc HV441 Datasheet HTML 5Page - Supertex, Inc HV441 Datasheet HTML 6Page - Supertex, Inc HV441 Datasheet HTML 7Page - Supertex, Inc HV441 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Pin Configuration
Package Outline
6
40
41
42
43
44
1
2
3
4
5
39 38 37 36 35 34 33 32 31 30 29
18
28
27
26
25
24
23
22
21
20
19
7
8
9
10 11 12 13 14 15 16 17
HV441
Pin
Function
1
N/C
2
N/C
3
N/C
4V
ref
5
N/C
6V
DD2
7
N/C
8V
DD1
9
osc1
10
osc2
11
oscin
12
oscout
13
ON/OFF
14
N/C
15
N/C
16
N/C
17
V
NN1
18
N/C
19
V
NN2
20
N
gate
21
V
nsen
22
N/C
Pin
Function
23
HV
OUT
24
N/C
25
V
psen
26
P
gate
27
V
PP2
28
N/C
29
V
PP1
30
N/C
31
N/C
32
N/C
33
P
GND
34
GND
35
Output2
36
Input2-
37
Input2+
38
Output1
39
Input1-
40
Input1+
41
Output3
42
Input3-
43
Input3+
44
N/C
top view
44-pin PLCC
HV441
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 222-8888 • FAX: (408) 222-4895
www.supertex.com
02/25/03
©2003 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com