Electronic Components Datasheet Search
  English  ▼

X  

HV441 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV441
Description  High-Voltage Ring Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV441 Datasheet(HTML) 3 Page - Supertex, Inc

  HV441 Datasheet HTML 1Page - Supertex, Inc HV441 Datasheet HTML 2Page - Supertex, Inc HV441 Datasheet HTML 3Page - Supertex, Inc HV441 Datasheet HTML 4Page - Supertex, Inc HV441 Datasheet HTML 5Page - Supertex, Inc HV441 Datasheet HTML 6Page - Supertex, Inc HV441 Datasheet HTML 7Page - Supertex, Inc HV441 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Pin Description
Symbol
Parameters
Min
Typ
Max
Unit
Conditions
V
PP1
High voltage positive supply
15
110
V
T
A = -40°C to +85°C
V
PP2
Positive charge pump output voltage
V
PP1 – 8
V
PP1 – 19
V
T
A = -40°C to +85°C
V
NN1
High voltage negative supply
V
PP – 220
-110
V
T
A = -40°C to +85°C
V
NN2
Negative charge pump output voltage
V
NN1 + 5.2
V
NN1 +10.5
V
T
A = -40°C to +85°C
V
DD1
Low voltage supply
3.0
5.5
V
T
A = -40°C to +85°C
V
DD2
Low voltage supply
10.8
13.5
V
T
A = -40°C to +85°C
I
PP1Q
V
PP1 quiescent current
250
400
µAT
A = -40°C to +85°C
I
NN1Q
V
NN1 quiescent current
250
500
µAT
A = -40°C to +85°C
I
PP1
V
PP1 operating current
0.8
mA
HV
OUT switching at 100KHz,
V
PP1 = +60V, VNN1 = -160V,
T A = -40°C to +85°C
I
NN1
V
NN1 operating current
1.0
mA
I
DD1Q
V
DD1 quiescent current
10
µA
I
DD2Q
V
DD2 quiescent current
4.0
mA
Electrical Characteristics, cont’d.
(Over operating supply voltage unless otherwise specified, T
A = 25°C.)
V
PP1
Positive high voltage supply
V
PP2
Positive gate voltage supply. Generated by an internal linear regulator.
V
NN1
Negative high voltage supply
V
NN2
Negative gate voltage supply. Generated by an internal linear regulator.
V
DD1
+3.3V to 5.0V supply for input and output logic
V
DD2
+12V supply for analog/logic circuit
GND
Low voltage ground
P
GND
High voltage power ground
Input1-
Inverting input of op-amp 1.
Input1+
Noninverting input of op-amp 1.
Output1
Output of op-amp 1.
Input2-
Inverting input of op-amp 2.
Input2+
Noninverting input of op-amp 2.
Output2
Output of op-amp 2.
Input3-
Inverting input of op-amp 3.
Input3+
Noninverting input of op-amp 3.
Output3
Output of op-amp 3.
V
ref
External input reference voltage for zero crossing detection.
On/Off
Enables/Disables HV
OUT.
osc1
Input 1 for external resonator. Connect to GND when not in use.
osc2
Input 2 for external resonator. Leave floating when not in use.
oscin
External oscillator input. Zero to V
DD1 input signal. Connect to VDD1 when not in use.
oscout
Oscillator output; 1/4 frequency of external resonator. 50% duty cycle.
HV
OUT
High voltage output. Voltage swings from V
PP1 to VNN1.
V
psen
Pulse by pulse over current sensing for internal P-Channel MOSFET.
V
nsen
Pulse by pulse over current sensing for internal N-Channel MOSFET.
P
gate
Gate drive for external P-channel MOSFET.
Ngate
Gate drive for external N-channel MOSFET.
HV441



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com