Electronic Components Datasheet Search
  English  ▼

X  

HV809 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV809
Description  Off-Line, High Voltage EL Lamp Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV809 Datasheet(HTML) 1 Page - Supertex, Inc

  HV809 Datasheet HTML 1Page - Supertex, Inc HV809 Datasheet HTML 2Page - Supertex, Inc HV809 Datasheet HTML 3Page - Supertex, Inc HV809 Datasheet HTML 4Page - Supertex, Inc HV809 Datasheet HTML 5Page - Supertex, Inc HV809 Datasheet HTML 6Page - Supertex, Inc HV809 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
HV809
Features
Processed with HVCMOS® technology
Input voltage up to 200V DC
400V peak-to-peak output voltage
Output load up to 350nF (100 in2 for 3.5nF/in2
lamp)
Adjustable output lamp frequency
Adjustable on/off pulsing frequency
Applications
Electronic organizers
Handheld portable computers
Display signs
Portable instrumentation equipment
►
►
►
►
►
►
►
►
►
►
General Description
The Supertex HV809 is an off-line, high voltage, EL lamp driver
integrated circuit designed for driving EL lamps of up to 350nF
at 400Hz. The input supply voltage can be a rectified nominal
120V AC source or any other DC source up to 200V. The HV809
will supply the EL lamp with an AC square wave with a peak-
to-peak voltage of two times the input DC voltage.
The HV809 has two internal oscillators, a low voltage output
linear regulator, and a high voltage output H-bridge. The high
voltage output H-bridge frequency is set by an external resistor
connected between the R
EL-Osc and GND pins. The EL lamp is
connected between pins V
A and VB. For the HV809 in the 8-pin
package, an external RC network can be connected between
the oscillator’s Osc1 and Osc2 pins to pulse the EL lamp on
and off.
For detailed circuit and application information please refer to
Application Note AN-H36.
Block Diagram
Linear
Regulator
GND
HVIN
VDD
Osc2
Osc1
REL-Osc
Q
Q
Q
VA
VB
Q
Logic
and
Osc
Off-Line, High Voltage EL Lamp Driver


Similar Part No. - HV809

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV809 SUTEX-HV809 Datasheet
325Kb / 4P
Off-Line High Voltage EL Lamp Driver
HV809K2 SUTEX-HV809K2 Datasheet
325Kb / 4P
Off-Line High Voltage EL Lamp Driver
HV809K2-G SUTEX-HV809K2-G Datasheet
1Mb / 8P
Off-Line, High Voltage EL Lamp Driver
HV809LG SUTEX-HV809LG Datasheet
325Kb / 4P
Off-Line High Voltage EL Lamp Driver
HV809LG-G SUTEX-HV809LG-G Datasheet
1Mb / 8P
Off-Line, High Voltage EL Lamp Driver
More results

Similar Description - HV809

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV809 SUTEX-HV809 Datasheet
325Kb / 4P
Off-Line High Voltage EL Lamp Driver
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
High Voltage EL Lamp Driver
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
High Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
HIGH-VOLTAGE EL LAMP DRIVER
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
High-Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
High-Voltage EL Lamp Driver
HV829A SUTEX-HV829A Datasheet
42Kb / 4P
High Voltage EL Lamp Driver
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
High Voltage EL Lamp Driver
HV809 SUTEX-HV809_13 Datasheet
1Mb / 8P
Off-Line, High Voltage EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com