Electronic Components Datasheet Search
  English  ▼

X  

HV809 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV809
Description  Off-Line, High Voltage EL Lamp Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV809 Datasheet(HTML) 3 Page - Supertex, Inc

  HV809 Datasheet HTML 1Page - Supertex, Inc HV809 Datasheet HTML 2Page - Supertex, Inc HV809 Datasheet HTML 3Page - Supertex, Inc HV809 Datasheet HTML 4Page - Supertex, Inc HV809 Datasheet HTML 5Page - Supertex, Inc HV809 Datasheet HTML 6Page - Supertex, Inc HV809 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
HV809
Symbol
Parameter
Min
Typ
Max
Units
Conditions
Electrical Characteristics
AC Characteristics (Over recommended operating conditions unless otherwise specified - T
A = 25°C)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
Recommended Operating Conditions
HV
IN
High voltage input
50
-
200
V
---
C
L
Load capacitance
-
-
350
nF
R
EL-Osc = 1.0MΩ, HVIN = 170V
--
150
nF
R
EL-Osc = 390KΩ, HVIN = 170V
T
A
Operating temperature
-25
-
85
OC
---
Function Table
Input
Outputs
Osc1
V
A
V
B
GND
Enabled
Enabled
V
DD
Disabled
Disabled
f
EL
V
A-B output drive frequency
320
400
480
Hz
R
EL-Osc = 1.0MΩ,
Osc1 = GND, C
L = 350nF
0.8
1.0
1.2
kHz
R
EL-Osc = 390KΩ,
Osc1 = GND, C
L = 150nF
t
r
Output rise time
-
180
250
μs
C
L = 150nF, HVIN = 170V
t
f
Output fall time
-
50
100
μs
C
L = 150nF, HVIN = 170V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com