Electronic Components Datasheet Search
  English  ▼

X  

HV830 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV830
Description  High Voltage EL Lamp Driver IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV830 Datasheet(HTML) 4 Page - Supertex, Inc

  HV830 Datasheet HTML 1Page - Supertex, Inc HV830 Datasheet HTML 2Page - Supertex, Inc HV830 Datasheet HTML 3Page - Supertex, Inc HV830 Datasheet HTML 4Page - Supertex, Inc HV830 Datasheet HTML 5Page - Supertex, Inc HV830 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
HV830
The HV830 can also be used for handheld devices operating
from a single cell 1.5V battery where a regulated voltage is
available. This is shown in Fig. 3. The regulated voltage can
be used to run the internal logic of the HV830. The amount of
current necessary to run the internal logic is typically 100µA
at a V
DD of 3.0V. Therefore, the regulated voltage could easily
provide the current without being loaded down. The HV830
used in this configuration can also be enabled/disabled via
logic control signal on the R
SW and REL resistors as shown
in Fig.2.
Split Supply Configuration Using a Single Cell (1.5V) Battery
Fig. 3 can also be used with high battery voltages, such as
12V, as long as the input voltage, V
DD, to the HV830 device
is within its specifications of 2.0V to 9.5V.
Split Supply Configuration for Battery Voltages of Higher than 9.5V
Fig. 3 Split Supply Configuration
VIN = Battery
Voltage
VDD = Regulated
Voltage
ON = VDD
OFF = 0V
CS
200V
0.1µF*
LX
BAS21LT1
RSW
REL
EL Lamp
+
–
Remote
Enable
1nF
HV830
1
7
2
3
4
8
6
5
LX
GND
VB
VA
REL-Osc
VDD
RSW-Osc
CS
* Larger values may be required depending upon supply impedence.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com