Electronic Components Datasheet Search
  English  ▼

X  

HV830 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV830
Description  High Voltage EL Lamp Driver IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV830 Datasheet(HTML) 5 Page - Supertex, Inc

  HV830 Datasheet HTML 1Page - Supertex, Inc HV830 Datasheet HTML 2Page - Supertex, Inc HV830 Datasheet HTML 3Page - Supertex, Inc HV830 Datasheet HTML 4Page - Supertex, Inc HV830 Datasheet HTML 5Page - Supertex, Inc HV830 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
HV830
External Component Description
External
Component
Description
Diode
Fast reverse recovery diode, BAS21LT1 or equivalent.
C
S Capacitor
0.01µF to 0.1µF, 200V capacitor to GND is used to store the energy transferred from the inductor.
R
EL-Osc
The EL lamp frequency is controlled via an external R
EL resistor connected between REL-Osc and VDD
pins of the device. The lamp frequency increases as R
EL decreases. As the EL lamp frequency increases,
the amount of current drawn from the battery will increase and the output voltage V
CS will decrease. The
color of the EL lamp is dependent upon its frequency.
A 3.3MΩ resistor would provide lamp frequency of 220 to 280Hz. Decreasing the R
EL-Osc by a factor of 2 will
increase the lamp frequency by a factor of 2.
R
SW-Osc
The switching frequency of the converter is controlled via an external resistor, R
SW between the RSW-Osc
and VDD pins of the device. The switching frequency increases as R
SW decreases. With a given inductor,
as the switching frequency increases, the amount of current drawn from the battery will decrease and the
output voltage, V
CS, will also decrease.
C
SW Capacitor
A 1nF capacitor is recommended between the RSW-Osc pin and GND when a 0.01µF C
S capacitor is used.
This capacitor is used to shunt any switching noise that may couple into the RSW-Osc pin. The C
SW capaci-
tor may also be needed when driving large EL lamp due to increase in switching noise. A C
SW larger than
1.0nF is not recommended.
L
X Inductor
The inductor L
X is used to boost the low input voltage by inductive flyback. When the internal switch is
on, the inductor is being charged. When the internal switch is off, the charge stored in the inductor will be
transferred to the high voltage capacitor C
S. The energy stored in the capacitor is connected to the internal
H-bridge and therefore to the EL lamp. In general, smaller value inductors, which can handle more current,
are more suitable to drive larger size lamps. As the inductor value decreases, the switching frequency of
the inductor (controlled by R
SW) should be increased to avoid saturation.
220µH Murata inductors with 5.4Ω series DC resistance is typically recommended. For inductors with the
same inductance value but with lower series DC resistance, lower R
SW value is needed to prevent high cur-
rent draw and inductor saturation.
Lamp
As the EL lamp size increases, more current will be drawn from the battery to maintain high voltage across
the EL lamp. The input power, (V
IN x IIN), will also increase. If the input power is greater than the power dis-
sipation of the package (400mW), an external resistor in series with one side of the lamp is recommended
to help reduce the package power dissipation.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com