Electronic Components Datasheet Search
  English  ▼

X  

HV833MG-G Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV833MG-G
Description  High Voltage EL Lamp Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV833MG-G Datasheet(HTML) 1 Page - Supertex, Inc

  HV833MG-G Datasheet HTML 1Page - Supertex, Inc HV833MG-G Datasheet HTML 2Page - Supertex, Inc HV833MG-G Datasheet HTML 3Page - Supertex, Inc HV833MG-G Datasheet HTML 4Page - Supertex, Inc HV833MG-G Datasheet HTML 5Page - Supertex, Inc HV833MG-G Datasheet HTML 6Page - Supertex, Inc HV833MG-G Datasheet HTML 7Page - Supertex, Inc HV833MG-G Datasheet HTML 8Page - Supertex, Inc HV833MG-G Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HV833
Features
1.8V to 6.5V operating supply voltage
DC to AC conversion
Separately adjustable lamp and converter
frequency
Output voltage regulation
Enable/disable function
Patented output timing for high efficiency
<100nA shutdown current
Split supply capability
LCD backlighting
Applications
Portable Transceivers
Remote Control Units
Calculators
PDAs
Global Positioning Systems (GPS)
►
►
►
►
►
►
►
►
►
►
►
►
►
►
General Description
The Supertex HV833 is a high voltage driver designed for driving EL
lamps of up to 35nF (10-12in2). The input supply voltage range is
from 1.8V to 6.5V. The device uses a single inductor and a minimum
number of passive components. The nominal regulated output voltage
that is applied to the EL lamp is ±90V. The chip can be enabled/
disabled by connecting a resistor between the R
SW-Osc pin and the
V
DD/GND pins.
The HV833 has two internal oscillators, a switching MOSFET, and a
high voltage EL lamp driver. The frequency for the switching MOSFET
is set by an external resistor connected between the R
SW-Osc pin and
the V
DD supply pin. The EL lamp driver frequency is set by an external
resistor connected between the R
EL-Osc pin and the VDD pin. An external
inductor is connected between the L
X pin and VDD or VIN pin. A 0.003-
0.1µF capacitor is connected between the C
S pin and the GND pin.
The EL lamp is connected between the V
A pin and the VB pin.
The switching MOSFET charges the external inductor and discharges
it into the capacitor at C
S. The voltage at CS will start to increase.
Once the voltage at C
S reaches a nominal value of 90V, the switching
MOSFET is turned OFF to conserve power. The outputs V
A and VB
are configured as an H bridge and are switching in opposite states to
achieve 180V peak-to-peak across the EL lamp.
Typical Application Circuit
High Voltage EL Lamp Driver
+
_
CS
100V
VIN
LX
1N914
Enable Signal
ON = VDD
OFF = 0
EL Lamp
1
2
3
4
8
6
5
HV833MG
7
VDD
VA
VB
CS
LX
VDD
RSW-Osc
REL-Osc
GND


Similar Part No. - HV833MG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV833MG-G SUTEX-HV833MG-G Datasheet
1,009Kb / 8P
High Voltage EL Lamp Driver
HV833MG-G SUTEX-HV833MG-G Datasheet
673Kb / 5P
High Voltage EL Lamp Driver IC
More results

Similar Description - HV833MG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
High Voltage EL Lamp Driver
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
High Voltage EL Lamp Driver
HV826 SUTEX-HV826 Datasheet
334Kb / 6P
High Voltage EL Lamp Driver
HV830 SUTEX-HV830 Datasheet
306Kb / 4P
High Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
HIGH-VOLTAGE EL LAMP DRIVER
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
High-Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
High-Voltage EL Lamp Driver
HV829A SUTEX-HV829A Datasheet
42Kb / 4P
High Voltage EL Lamp Driver
HV833 SUTEX-HV833_13 Datasheet
1,009Kb / 8P
High Voltage EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com