Electronic Components Datasheet Search
  English  ▼

X  

HV833MG-G Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV833MG-G
Description  High Voltage EL Lamp Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV833MG-G Datasheet(HTML) 3 Page - Supertex, Inc

  HV833MG-G Datasheet HTML 1Page - Supertex, Inc HV833MG-G Datasheet HTML 2Page - Supertex, Inc HV833MG-G Datasheet HTML 3Page - Supertex, Inc HV833MG-G Datasheet HTML 4Page - Supertex, Inc HV833MG-G Datasheet HTML 5Page - Supertex, Inc HV833MG-G Datasheet HTML 6Page - Supertex, Inc HV833MG-G Datasheet HTML 7Page - Supertex, Inc HV833MG-G Datasheet HTML 8Page - Supertex, Inc HV833MG-G Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
HV833
Functional Block Diagram
Device
Lamp Size
V
IN
I
IN
V
CS
f
EL
Brightness
T
A
HV833MG
10in2
3.3V
56mA
72V
270Hz
5.0ft-Im
-25OC to + 85OC
Typical Performance
C
+
_
Disable
GND
VDD
VA
CS
LX
VB
RSW-Osc
REL-Osc
Switch
Osc
VREF
VSEN
Output
Osc
Q
Q
Q
Q
Fig. 1: Typical Application/Test Circuit
Equivalent to
10in2 lamp
680Ω
29nF
+
_
0.01µF
100V
VIN
LX*
220µH
1N914
4.7µF
1.0M
Enable Signal
ON = VDD
OFF = 0
VDD = VIN = 3.3V
1
2
3
4
8
6
5
HV833MG
7
1.65M
*LX = 220µH Murata LQH43MN221K01
VDD
VA
VB
CS
LX
VDD
RSW-Osc
REL-Osc
GND



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com