Electronic Components Datasheet Search
  English  ▼

X  

LMC6035 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6035
Description  LMC603x 2.7V, Low-Power, Single-Supply, CMOS Operational Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6035 Datasheet(HTML) 2 Page - Texas Instruments

  LMC6035 Datasheet HTML 1Page - Texas Instruments LMC6035 Datasheet HTML 2Page - Texas Instruments LMC6035 Datasheet HTML 3Page - Texas Instruments LMC6035 Datasheet HTML 4Page - Texas Instruments LMC6035 Datasheet HTML 5Page - Texas Instruments LMC6035 Datasheet HTML 6Page - Texas Instruments LMC6035 Datasheet HTML 7Page - Texas Instruments LMC6035 Datasheet HTML 8Page - Texas Instruments LMC6035 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 5
5.1 Absolute Maximum Ratings........................................ 5
5.2 ESD Ratings............................................................... 5
5.3 Recommended Operating Conditions.........................5
5.4 Thermal Information: LMC6035.................................. 6
5.5 Thermal Information: LMC6036.................................. 6
5.6 Electrical Characteristics.............................................7
5.7 Typical Characteristics................................................ 9
6 Detailed Description......................................................16
6.1 Overview................................................................... 16
6.2 Functional Block Diagram......................................... 16
7 Application and Implementation.................................. 17
7.1 Application Information............................................. 17
7.2 Typical Applications.................................................. 18
7.3 Layout....................................................................... 23
8 Device and Documentation Support............................25
8.1 Receiving Notification of Documentation Updates....25
8.2 Support Resources................................................... 25
8.3 Electrostatic Discharge Caution................................25
8.4 Glossary....................................................................25
9 Revision History............................................................ 25
10 Mechanical, Packaging, and Orderable
Information.................................................................... 26
LMC6035, LMC6036
SNOS875H – JANUARY 2000 – REVISED DECEMBER 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMC6035 LMC6036



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com