Electronic Components Datasheet Search
  English  ▼

X  

LMC6035 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6035
Description  LMC603x 2.7V, Low-Power, Single-Supply, CMOS Operational Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6035 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LMC6035 Datasheet HTML 20Page - Texas Instruments LMC6035 Datasheet HTML 21Page - Texas Instruments LMC6035 Datasheet HTML 22Page - Texas Instruments LMC6035 Datasheet HTML 23Page - Texas Instruments LMC6035 Datasheet HTML 24Page - Texas Instruments LMC6035 Datasheet HTML 25Page - Texas Instruments LMC6035 Datasheet HTML 26Page - Texas Instruments LMC6035 Datasheet HTML 27Page - Texas Instruments LMC6035 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
7.3.1.2 DSBGA Considerations
Unlike other small packages, the DSBGA package does not follow the trend of smaller packages having greater
thermal resistance. The LMC6035 in DSBGA has a thermal resistance of 103.1°C/W compared to 149.2°C/W in
VSSOP. Even when driving a 600Ω load and operating from ±7.5V supplies, the maximum temperature rise is
less than 2°C. For application information specific to the DSBGA package, see the AN-1112 DSBGA Wafer Level
Chip Scale Package application report.
7.3.2 Layout Example
Figure 7-14. Layout Example: Using the LMC603x Guard Ring in PCB Layout
LMC6035, LMC6036
SNOS875H – JANUARY 2000 – REVISED DECEMBER 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMC6035 LMC6036



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com