Electronic Components Datasheet Search
  English  ▼

X  

LMK6P Datasheet(PDF) 25 Page - Texas Instruments

Part # LMK6P
Description  LMK6x Low Jitter, High-Performance BAW Oscillator
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK6P Datasheet(HTML) 25 Page - Texas Instruments

Back Button LMK6P Datasheet HTML 21Page - Texas Instruments LMK6P Datasheet HTML 22Page - Texas Instruments LMK6P Datasheet HTML 23Page - Texas Instruments LMK6P Datasheet HTML 24Page - Texas Instruments LMK6P Datasheet HTML 25Page - Texas Instruments LMK6P Datasheet HTML 26Page - Texas Instruments LMK6P Datasheet HTML 27Page - Texas Instruments LMK6P Datasheet HTML 28Page - Texas Instruments LMK6P Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 67 page
background image
Rp
Rp
LMK6P Device
LVPECL
Receiver
R1
R1
R2
Figure 8-7. LMK6P Output AC-Coupled to LVPECL Receiver With External Termination/Biasing
(Y-Network)
Table 8-6. LMK6P Y-Network AC-Coupled Resistor Values
SUPPLY (V)
Rp (Ω)
R1 (Ω)
R2 (Ω)
3.3
207.5
50
78.8
2.5
112.5
50
31.3
1.8
83.3
50
16.7
LMK6H Device
HCSL
Receiver
50Ω
50Ω
Figure 8-8. LMK6H Output to HCSL Receiver With External Termination
LMK6H Device
HCSL
Receiver
50Ω
50Ω
Figure 8-9. LMK6H Output AC-Coupled to HCSL Receiver With External Termination
8.3.5 Temperature Stability
Figure 8-10 shows the frequency variation of the LMK6x differential output oscillator over the temperature range
of –40°C to 85°C for total of 60 units. Figure 8-11 shows the frequency variation of the LMK6C single-ended
output oscillator over the operating temperature range of –40°C to 105°C. These plots represent the typical
temperature stability of the device, remaining below ±10ppm. The devices are soldered onto the evaluation
www.ti.com
LMK6C, LMK6D, LMK6H, LMK6P
SNAS826E – APRIL 2022 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: LMK6C LMK6D LMK6H LMK6P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com