Electronic Components Datasheet Search
  English  ▼

X  

SC4431 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC4431
Description  Shunt Regulator With Open Collector Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4431 Datasheet(HTML) 4 Page - Semtech Corporation

  SC4431 Datasheet HTML 1Page - Semtech Corporation SC4431 Datasheet HTML 2Page - Semtech Corporation SC4431 Datasheet HTML 3Page - Semtech Corporation SC4431 Datasheet HTML 4Page - Semtech Corporation SC4431 Datasheet HTML 5Page - Semtech Corporation SC4431 Datasheet HTML 6Page - Semtech Corporation SC4431 Datasheet HTML 7Page - Semtech Corporation SC4431 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
 2003 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4431
Shunt Regulator With
Open Collector Output
Typical Characteristics
Typical Vref vs Ta Io = 2mA
Typical Vref vs Ta Vcc = 2V
Typical Icc Off vs Ta Vo = 2V
Typical Iout vs Ta Vo = 2V
Typical Iref vs Ta Vcc = 2V
Typical Vsat vs Ta Vcc = 2V
V ref vs T a Iout = 2m A
1.2 1 8
1.2 1 9
1.2 2 0
1.2 2 1
1.2 2 2
1.2 2 3
1.2 2 4
1.2 2 5
1.2 2 6
1.2 2 7
1.2 2 8
-4 0 -3 0 -2 0 -1 0
0
1 02 03 04 0
5 0
6 0
7 08 0
Ta (D eg.C .)
V c c = 1.5V
V cc= 2 V
V cc= 5 V
V cc= 1 5 V
Icc O ff vs T a V o u t = 2V
50 E -6
55 E -6
60 E -6
65 E -6
70 E -6
-4 0 -3 0 -2 0 -1 0
0
1 0
2 03 04 05 0
6 07 08 0
Ta (D eg.C .)
Icc_O ff
Iref vs T a V cc = 2V
20 E -9
25 E -9
30 E -9
35 E -9
40 E -9
45 E -9
-4 0
-3 0
-2 0
-1 0
0
1 02 0
3 04 0
5 0
6 07 0
8 0
Ta (D eg.C .)
Iout= 100 uA
Iout= 1 m A
Iout= 2 m A
Iout= 5 m A
Iout= 10m A
Iout= 15m A
V ref vs T a V cc = 2V
1.2 2 2
1.2 2 4
1.2 2 6
1.2 2 8
1.2 3 0
1.2 3 2
1.2 3 4
1.2 3 6
-4 0
-3 0
-2 0
-1 0
0
1 0
2 0
3 04 0
5 06 07 0
8 0
Ta (D eg.C .)
Iout= 40m a
Iout= 2 m A
Iout= 100 uA
Iref vs T a V out = 2V
4E -9
5E -9
6E -9
7E -9
8E -9
9E -9
10 E -9
11 E -9
12 E -9
13 E -9
-4 0 -3 0 -2 0 -1 0
0
1 0
2 03 04 05 0
6 07 08 0
Ta (D eg.C .)
Ire f
V sat vs T a V cc = 2V
0
50
10 0
15 0
20 0
25 0
30 0
35 0
-4 0
-3 0
-2 0
-1 0
0
1 02 0
3 04 0
5 0
6 07 0
8 0
Ta (D eg.C .)
Iout= 40m a
Iout= 5 m A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com