Electronic Components Datasheet Search
  English  ▼

X  

SC4431 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC4431
Description  Shunt Regulator With Open Collector Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4431 Datasheet(HTML) 5 Page - Semtech Corporation

  SC4431 Datasheet HTML 1Page - Semtech Corporation SC4431 Datasheet HTML 2Page - Semtech Corporation SC4431 Datasheet HTML 3Page - Semtech Corporation SC4431 Datasheet HTML 4Page - Semtech Corporation SC4431 Datasheet HTML 5Page - Semtech Corporation SC4431 Datasheet HTML 6Page - Semtech Corporation SC4431 Datasheet HTML 7Page - Semtech Corporation SC4431 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
 2003 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4431
Shunt Regulator With
Open Collector Output
-0.5000
0.0000
0.5000
1.0000
1.5000
2.0000
2.5000
3.0000
3.5000
1.2248
1.2703
1.3048
1.7030
3.0182
Vref(v)
Vcc=2V,Io=1.3mA
Vcc=5V,Io=1.3mA
Vcc=15V,Io=1.3mA
-0.5000
0.0000
0.5000
1.0000
1.5000
2.0000
2.5000
3.0000
3.5000
1.2243
1.2700
1.3009
1.7073
3.0073
Vref(v)
Vcc=2V,Io=2mA
Vcc=5V,Io=2mA
Vcc=15V,Io=2mA
Typical Icc vs Vref, Io = 1.3mA, Ta = 25 Deg.C.
Typical Icc vs Vref, Io = 2mA, Ta = 25 Deg.C.
10uF
C2
Vref
U1
SC4431
1
2
4
5
10uF
C1
+V adj
10uF
C4
J2
1
2
J1
1
2
R2
3.9k
+VCC
R1
4k
22nF
C5
R4
1k
J3
1
2
R5
1k
+Vref_Adjust
Vref
Vo
Io
C3
Icc vs Vref Test Circuit
Typical Characteristics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com