Electronic Components Datasheet Search
  English  ▼

X  

SH3100 Datasheet(PDF) 28 Page - Semtech Corporation

Part # SH3100
Description  Supervisory IC with I2C Interface and PWM
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SH3100 Datasheet(HTML) 28 Page - Semtech Corporation

Back Button SH3100 Datasheet HTML 24Page - Semtech Corporation SH3100 Datasheet HTML 25Page - Semtech Corporation SH3100 Datasheet HTML 26Page - Semtech Corporation SH3100 Datasheet HTML 27Page - Semtech Corporation SH3100 Datasheet HTML 28Page - Semtech Corporation SH3100 Datasheet HTML 29Page - Semtech Corporation SH3100 Datasheet HTML 30Page - Semtech Corporation SH3100 Datasheet HTML 31Page - Semtech Corporation SH3100 Datasheet HTML 32Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
SH3100
28
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
Register Descriptions (continued)
Address(hex): 18
Register Name ADCConfig
Description
(R/W) Configures ADC, DAC and
comparator configuration, as
well as setting the overall device
mode
Default Value: 0000 0100
Reset Event: P, W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Initiate ADC
Conversion
Comparator
polarity
Device mode
DAC Clock post-scaler
DAC Enable
Bit No.
Description
Bit Value
Value Description
[7]
Initiate ADC Conversion
1
Setting this bit initiates an ADC conversion
The conversion is completed within 1500 cycles of the internal
DAC clock, the rate of which is determined by the
DACClkPostScaler in this register, and the rate of the HFDCO.
ADC conversion completion is signaled by the ADCDone flag in
the InterruptStatus register
[6]
Comparator Polarity
0
1
General-purpose comparator output is used directly
General-purpose comparator output is inverted
[5:3]
DeviceMode
THIS REGISTER IS FUSE
INITIALIZED
000
001
011
100
101
Normal mode – PWM pin can be controlled by setting the
PWMDutyCycle
Switched boost regulator mode – PWM pin controls an external
inductor/capacitor network
Switched buck regulator mode
LDO Mode – PWM pin is driven by internal LDO
Fan control mode – PWM pin is controlled as described in the
PWM section
Note that this register may not be changed if the
App-specificFuseWP bit in the WriteProtects register is set
[2:1]
DACClkPostScaler
00
01
10
11
DACClk is 32.768 kHz (ADC Conversion in 45 ms)
DACClk is HFDCO/8 (ADC Conversion in 11264 cycles of HFDCO
period)
DACClk is HFDCO/16 (ADC Conversion in 22528 cycles of
HFDCO period)
DACClk is HFDCO/32 (ADC conversion in 45056 cycles of
HFDCO period)
[0]
DAC Enable
0
1
General-purpose DAC & comparator are powered down
General-purpose DAC & comparator are enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com