Electronic Components Datasheet Search
  English  ▼

X  

SH3100 Datasheet(PDF) 30 Page - Semtech Corporation

Part # SH3100
Description  Supervisory IC with I2C Interface and PWM
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SH3100 Datasheet(HTML) 30 Page - Semtech Corporation

Back Button SH3100 Datasheet HTML 26Page - Semtech Corporation SH3100 Datasheet HTML 27Page - Semtech Corporation SH3100 Datasheet HTML 28Page - Semtech Corporation SH3100 Datasheet HTML 29Page - Semtech Corporation SH3100 Datasheet HTML 30Page - Semtech Corporation SH3100 Datasheet HTML 31Page - Semtech Corporation SH3100 Datasheet HTML 32Page - Semtech Corporation SH3100 Datasheet HTML 33Page - Semtech Corporation SH3100 Datasheet HTML 34Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 80 page
background image
SH3100
30
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
Register Descriptions (continued)
Address(hex): 20
Register Name Clk0Config
Description
(R/W) Sets up CLK0
Default Value: 0011 0000
Reset Event: P, W (bit 7)
Reset Event: P, W, B (bits 6:0)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CLK0Supply
CLK0 HF/LF
CLK1=CLK0
CLK0Enable
CLK0 post-scaler
Bit No.
Description
Bit Value
Value Description
[7]
CLK0 supply
0
1
CLK0 pad is supplied by VDD. When VDD drops below VBO,
CLK0 ceases
CLK0 pad is supplied by VBAK
[6]
CLK0 HF/LF
0
1
CLK0 is derived from the post-scaled HFDCO
CLK0 is set to 32.768 kHz
[5]
CLK1 = CLK0
0
1
CLK1 is treated completely independently from CLK0. Phase
relationship can not be guaranteed
CLK1 is set to run at the same frequency as CLK0, with or
without inversion. CLK1 and CLK0 transition together, and
operate as in-phase or complementary clock outputs
[4]
CLK0Enable
0
1
If any interrupt is enabled in the InterruptEnable register, then
setting CLK0 to 0 disables CLK0. The clock resumes whenever
any enabled interrupt activates
CLK0 is enabled unless in AutoClkDetect mode and CLKIN has
stopped
[2:0]
CLK0 PostScaler
THIS REGISTER IS FUSE
INITIALIZED
000
001
010
011
100
101
110
111
CLK0 frequency = HFDCO frequency
CLK0 frequency = HFDCO/2
CLK0 frequency = HFDCO/4
CLK0 frequency = HFDCO/8
CLK0 frequency = HFDCO/16
CLK0 frequency = HFDCO/32
CLK0 frequency = HFDCO/64
CLK0 frequency = HFDCO/128
This register is ignored if the CLK0 HF/LF bit is set
Note that this register may not be changed if the
App-specificFuseWP bit in the WriteProtects register is set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com