Electronic Components Datasheet Search
  English  ▼

X  

SH3100IMTR Datasheet(PDF) 13 Page - Semtech Corporation

Part # SH3100IMTR
Description  Supervisory IC with I2C Interface and PWM
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SH3100IMTR Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SH3100IMTR Datasheet HTML 9Page - Semtech Corporation SH3100IMTR Datasheet HTML 10Page - Semtech Corporation SH3100IMTR Datasheet HTML 11Page - Semtech Corporation SH3100IMTR Datasheet HTML 12Page - Semtech Corporation SH3100IMTR Datasheet HTML 13Page - Semtech Corporation SH3100IMTR Datasheet HTML 14Page - Semtech Corporation SH3100IMTR Datasheet HTML 15Page - Semtech Corporation SH3100IMTR Datasheet HTML 16Page - Semtech Corporation SH3100IMTR Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
SH3100
POWER MANAGEMENT
13
© 2006 Semtech Corp.
www.semtech.com
.
Mode 1 – Standard operation
No LDO, fan control or switching regulation.
General purpose PWM/PDM output is available
Use with or without external 32.768 kHz crystal
Register settings
DeviceMode = 000
Mode 2 – LDO enabled
As standard operation but with PWM output pin
programmed as LDO output. (Linearly regulated
down from VDD).
Register settings
DeviceMode = 100
ForcedDACValue = xx (to set LDO
voltage)
Mode 3 – Auto fan speed control
Fan speed is automatically controlled by measuring
temperature at regular intervals and adjusting PWM
duty cycle according to configurable control
parameters.
SNSE pin is monitored to detect possible fan stall
Register settings
DeviceMode = 101
ComparatorSource = 11 (SNSE)
CLK1HF/LF = 0
ForcedDACValue = xx (to override 70 mV
SNSE threshold if required)
Application Diagrams - Modes 1 to 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com