Electronic Components Datasheet Search
  English  ▼

X  

SC1104B Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1104B
Description  Simple, Synchronous Voltage Mode PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1104B Datasheet(HTML) 5 Page - Semtech Corporation

  SC1104B Datasheet HTML 1Page - Semtech Corporation SC1104B Datasheet HTML 2Page - Semtech Corporation SC1104B Datasheet HTML 3Page - Semtech Corporation SC1104B Datasheet HTML 4Page - Semtech Corporation SC1104B Datasheet HTML 5Page - Semtech Corporation SC1104B Datasheet HTML 6Page - Semtech Corporation SC1104B Datasheet HTML 7Page - Semtech Corporation SC1104B Datasheet HTML 8Page - Semtech Corporation SC1104B Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1104A/B
Pin Configuration
Ordering Information
Pin Descriptions
Top View
(8-Pin SOIC)
n
i
P
#
e
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1S
S
/
P
M
O
C.
e
l
b
a
n
e
/t
r
a
t
s
tf
o
s
,
n
o
it
a
s
n
e
p
m
o
C
.t
u
p
t
u
o
r
e
if
il
p
m
a
r
o
r
r
E
2D
N
G.
d
n
u
o
r
G
3L
Dt
u
p
t
u
o
r
e
v
ir
d
e
d
i
s
w
o
L
4H
Dt
u
p
t
u
o
r
e
v
ir
d
e
d
i
s
h
g
i
H
5T
S
B.r
e
v
ir
d
e
d
i
s
h
g
i
h
,
p
a
r
t
s
t
o
o
B
6E
S
A
H
P.
s
T
E
F
S
O
M
e
h
t
n
e
e
w
t
e
b
e
d
o
n
e
s
a
h
p
e
h
t
m
o
r
f
t
u
p
n
I
7C
C
V.
e
g
a
tl
o
v
y
l
p
p
u
s
s
a
i
b
p
i
h
C
8E
S
N
E
S.t
u
p
n
i
e
s
n
e
s
e
g
a
tl
o
v
t
u
p
t
u
O
e
c
i
v
e
D
)
2
(
e
g
a
k
c
a
PT
(
e
g
n
a
R
p
m
e
T
J)
R
T
S
I
X
4
0
1
1
C
S
)
1
(
8
-
C
I
O
SC
°
5
2
1
o
t
°
0
4
-
T
R
T
S
I
X
4
0
1
1
C
S
)
3
(
)
1
(
B
V
E
X
4
0
1
1
C
Sd
r
a
o
B
n
o
it
a
u
l
a
v
E
Notes:
(1) In place of “X”: A = 300kHz, V
CC = 5V to 12V.
B = 600kHz, V
CC = 5V.
(2) Only available in tape and reel packaging. A reel
contains 2500 devices.
(3) Lead free product. This product is fully WEEE and
RoHS compliant.
Marking Information
yyww = Date Code (Example: 0012)
xxxxxxxx = Semtech Lot No. (Example: E90101-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com