Electronic Components Datasheet Search
  English  ▼

X  

SC1104B Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1104B
Description  Simple, Synchronous Voltage Mode PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1104B Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1104B Datasheet HTML 6Page - Semtech Corporation SC1104B Datasheet HTML 7Page - Semtech Corporation SC1104B Datasheet HTML 8Page - Semtech Corporation SC1104B Datasheet HTML 9Page - Semtech Corporation SC1104B Datasheet HTML 10Page - Semtech Corporation SC1104B Datasheet HTML 11Page - Semtech Corporation SC1104B Datasheet HTML 12Page - Semtech Corporation SC1104B Datasheet HTML 13Page - Semtech Corporation SC1104B Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1104A/B
Evaluation Board Schematic - V
IN = 5V
Evaluation Board Schematic - V
IN = 12V
Q1
Si4410DY
Q2
Si4410DY
L1
3.9uH
C4
0.1
C9
47/6.3V
C8
47/6.3V
+
_
+
_
Vin=5V
Vout=2.5@6A
R7
1.0k
R8
1.50k
C3
1.0
C10
47/6.3V
VCC
7
DL
3
DH
4
PHASE
6
COMP/SS
1
BST
5
SENSE
8
GND
2
U1
SC1104AISTR
R3
1
R4
2.2
R1
1k
0
C2
0.1
C7
10.0
D2
MBRA130L(opt)
R5
0
R6
2.2
C5
6800p
C11
0.47
R9
150
C1
1500p
C18
10
D1
MBRA130L
C15
330/4V
C16
330/4V
C17
330/4V
Q1
Si4410DY
Q2
Si4410DY
L1
4.7uH
C4
0.1
C9
33/16V
C8
33/16V
+
_
+
_
Vin=12V
Vout=3.3@6A
R7
1.0k
R8
2.32k
C3
1.0
C10
33/16V
VCC
7
DL
3
DH
4
PHASE
6
COMP/SS
1
BST
5
SENSE
8
GND
2
U1
SC1104AISTR
R3
2.2
R4
2.2
R1
680
0
C2
0.1
C7
10.0
D2
MBRA130L(opt)
R5
5.1opt
R6
3.3
C5
3300p
C11
0.33
R9
220
C1
1500p
C18
10
D1
LL4148
C15
330/4V
C16
330/4V
C17
330/4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com