Electronic Components Datasheet Search
  English  ▼

X  

C8051F331 Datasheet(PDF) 65 Page - Silicon Laboratories

Part # C8051F331
Description  Mixed Signal ISP Flash MCU Family
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F331 Datasheet(HTML) 65 Page - Silicon Laboratories

Back Button C8051F331 Datasheet HTML 61Page - Silicon Laboratories C8051F331 Datasheet HTML 62Page - Silicon Laboratories C8051F331 Datasheet HTML 63Page - Silicon Laboratories C8051F331 Datasheet HTML 64Page - Silicon Laboratories C8051F331 Datasheet HTML 65Page - Silicon Laboratories C8051F331 Datasheet HTML 66Page - Silicon Laboratories C8051F331 Datasheet HTML 67Page - Silicon Laboratories C8051F331 Datasheet HTML 68Page - Silicon Laboratories C8051F331 Datasheet HTML 69Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 216 page
background image
Rev. 1.5
65
C8051F330/1/2/3/4/5
Table 7.1. Voltage Reference Electrical Characteristics
VDD = 3.0 V; –40 to +85 °C unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Internal Reference (REFBE = 1)
Output Voltage
25 °C ambient
2.38
2.44
2.50
V
VREF Short-Circuit Current
—
—
10
mA
VREF Temperature
Coefficient
—
15
—
ppm/°C
Load Regulation
Load = 0 to 200 µA to AGND
—
0.5
—
ppm/µA
VREF Turn-on Time 1
4.7 µF tantalum, 0.1 µF ceramic
bypass
—
2
—
ms
VREF Turn-on Time 2
0.1 µF ceramic bypass
—
20
—
µs
VREF Turn-on Time 3
no bypass cap
—
10
—
µs
Power Supply Rejection
—
140
—
ppm/V
External Reference (REFBE = 0)
Input Voltage Range
0
—
VDD
V
Input Current
Sample Rate = 200 ksps; VREF =
3.0 V
—
12
—
µA
Power Specifications
ADC Bias Generator
BIASE = ‘1’ or AD0EN = ‘1’ or
IOSCEN = ‘1’
—
100
—
µA
Reference Bias Generator
REFBE = ‘1’ or TEMPE = ‘1’ or
IDA0EN = ‘1’
—
40
—
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com