Electronic Components Datasheet Search
  English  ▼

X  

C8051F331 Datasheet(PDF) 22 Page - Silicon Laboratories

Part # C8051F331
Description  Mixed Signal ISP Flash MCU Family
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F331 Datasheet(HTML) 22 Page - Silicon Laboratories

Back Button C8051F331 Datasheet HTML 18Page - Silicon Laboratories C8051F331 Datasheet HTML 19Page - Silicon Laboratories C8051F331 Datasheet HTML 20Page - Silicon Laboratories C8051F331 Datasheet HTML 21Page - Silicon Laboratories C8051F331 Datasheet HTML 22Page - Silicon Laboratories C8051F331 Datasheet HTML 23Page - Silicon Laboratories C8051F331 Datasheet HTML 24Page - Silicon Laboratories C8051F331 Datasheet HTML 25Page - Silicon Laboratories C8051F331 Datasheet HTML 26Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 216 page
background image
C8051F330/1/2/3/4/5
22
Rev. 1.5
1.1.
CIP-51™ Microcontroller Core
1.1.1. Fully 8051 Compatible
The C8051F330/1/2/3/4/5 family utilizes Silicon Labs' proprietary CIP-51 microcontroller core. The CIP-51
is fully compatible with the MCS-51™ instruction set; standard 803x/805x assemblers and compilers can
be used to develop software. The CIP-51 core offers all the peripherals included with a standard 8052,
including four 16-bit counter/timers, a full-duplex UART with extended baud rate configuration, an
enhanced SPI port, 768 bytes of internal RAM, 128 byte Special Function Register (SFR) address space,
and 17 I/O pins.
1.1.2. Improved Throughput
The CIP-51 employs a pipelined architecture that greatly increases its instruction throughput over the stan-
dard 8051 architecture. In a standard 8051, all instructions except for MUL and DIV take 12 or 24 system
clock cycles to execute with a maximum system clock of 12-to-24 MHz. By contrast, the CIP-51 core exe-
cutes 70% of its instructions in one or two system clock cycles, with only four instructions taking more than
four system clock cycles.
The CIP-51 has a total of 109 instructions. The table below shows the total number of instructions that
require each execution time.
With the CIP-51's maximum system clock at 25 MHz, it has a peak throughput of 25 MIPS. Figure 1.7
shows a comparison of peak throughputs for various 8-bit microcontroller cores with their maximum sys-
tem clocks.
Figure 1.7. Comparison of Peak MCU Execution Speeds
Clocks to Execute
1
2
2/3
3
3/4
4
4/5
5
8
Number of Instructions
26
50
5
14
7
3
1
2
1
5
10
15
20
ADuC812
8051
(16 MHz clk)
Philips
80C51
(33 MHz clk)
Microchip
PIC17C75x
(33 MHz clk)
Silicon Labs
CIP-51
(25 MHz clk)
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com