Electronic Components Datasheet Search
  English  ▼

X  

SC4611 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC4611
Description  Wide Input Range High Performance Synchronous Buck Switching Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4611 Datasheet(HTML) 5 Page - Semtech Corporation

  SC4611 Datasheet HTML 1Page - Semtech Corporation SC4611 Datasheet HTML 2Page - Semtech Corporation SC4611 Datasheet HTML 3Page - Semtech Corporation SC4611 Datasheet HTML 4Page - Semtech Corporation SC4611 Datasheet HTML 5Page - Semtech Corporation SC4611 Datasheet HTML 6Page - Semtech Corporation SC4611 Datasheet HTML 7Page - Semtech Corporation SC4611 Datasheet HTML 8Page - Semtech Corporation SC4611 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
 2004 Semtech Corp.
www.semtech.com
SC4611
POWER MANAGEMENT
Pin Descriptions
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1H
P
.
n
i
a
r
d
t
e
f
s
o
M
e
d
i
s
w
o
l
d
n
a
e
c
r
u
o
s
t
e
f
s
o
M
e
d
i
s
h
g
i
h
f
o
n
o
it
c
n
u
j
g
n
i
h
c
ti
w
S
2H
D
G.
T
E
F
S
O
M
l
e
n
n
a
h
C
-
N
e
d
i
s
h
g
i
h
r
o
f
t
u
p
t
u
o
e
v
ir
d
e
t
a
G
3T
S
B.
e
v
ir
d
e
t
a
g
e
d
i
s
h
g
i
h
e
h
t
r
o
f
n
o
it
c
e
n
n
o
c
r
o
ti
c
a
p
a
c
t
s
o
o
B
.t
i
u
c
r
i
C
n
o
it
a
c
il
p
p
A
l
a
c
i
p
y
T
e
h
t
n
i
n
w
o
h
s
s
a
e
d
o
i
d
a
d
n
a
r
o
ti
c
a
p
a
c
l
a
n
r
e
t
x
e
n
a
t
c
e
n
n
o
C
4N
I
V.
e
g
a
tl
o
v
y
l
p
p
u
s
t
u
p
n
I
5I
D
B.r
o
t
a
l
u
g
e
r
C
C
V
P
/
C
C
V
A
r
o
f
e
v
ir
d
e
s
a
B
6-
S
Cr
o
t
a
r
a
p
m
o
c
e
s
n
e
s
t
n
e
r
r
u
c
e
h
t
r
o
f
t
u
p
n
i
g
n
it
r
e
v
n
I
7+
S
Cr
o
t
a
r
a
p
m
o
c
e
s
n
e
s
t
n
e
r
r
u
c
e
h
t
r
o
f
t
u
p
n
i
g
n
it
r
e
v
n
i
n
o
N
8B
FV
5
.
0
s
i
l
e
v
e
l
e
c
n
e
r
e
f
e
r
e
h
T
.
n
i
p
t
u
p
n
i
k
c
a
b
d
e
e
F
9O
A
E.
n
o
it
a
s
n
e
p
m
o
c
r
o
f
t
u
p
t
u
o
r
e
if
il
p
m
a
r
o
r
r
E
0
1K
O
P.t
u
p
t
u
o
d
o
o
g
r
e
w
o
p
f
o
n
i
a
r
d
n
e
p
O
1
1P
V
OV
5
.
0
s
i
l
e
v
e
l
e
c
n
e
r
e
f
e
r
e
h
T
.t
u
p
n
i
n
o
it
c
e
t
o
r
p
e
g
a
tl
o
v
r
e
v
O
2
1M
L
C
o
t
D
N
G
A
o
t
t
c
e
n
n
o
c
r
o
p
u
c
c
i
h
e
l
b
a
n
e
o
t
C
C
V
A
o
t
t
c
e
n
n
o
C
.t
u
p
n
i
t
c
e
l
e
s
e
d
o
M
ti
m
i
L
t
n
e
r
r
u
C
.
e
d
o
m
p
u
c
c
i
h
s
s
a
p
y
b
3
1C
S
O
.
y
c
n
e
u
q
e
r
f
r
o
t
a
ll
i
c
s
o
e
h
t
g
n
i
m
m
a
r
g
o
r
p
r
o
f
D
N
G
A
o
t
r
o
t
s
i
s
e
r
a
t
c
e
n
n
o
C
4
1H
S
/
S
S.
e
c
i
v
e
d
e
h
t
n
w
o
d
t
u
h
s
o
t
w
o
l
d
l
o
H
.
n
i
p
t
r
a
t
s
tf
o
S
5
1D
N
G
A.
d
n
u
o
r
g
l
a
n
g
i
s
g
o
l
a
n
A
6
1C
N
Y
S.
d
e
s
u
t
o
n
fi
D
N
G
A
o
t
t
c
e
n
n
o
C
.
n
i
p
n
o
it
a
z
i
n
o
r
h
c
n
y
s
r
o
t
a
ll
i
c
s
O
7
1C
C
V
A.
y
r
ti
u
c
r
i
c
g
o
l
a
n
a
r
o
f
e
g
a
tl
o
v
y
l
p
p
u
S
8
1D
N
G
P.
d
n
u
o
r
g
r
e
w
o
P
9
1L
D
G.
T
E
F
S
O
M
l
e
n
n
a
h
C
-
N
e
d
i
s
w
o
l
e
h
t
r
o
f
t
u
p
t
u
o
e
v
ir
d
e
t
a
G
0
2C
C
V
P.
s
r
e
v
ir
d
t
u
p
t
u
o
r
o
f
e
g
a
tl
o
v
y
l
p
p
u
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com