Electronic Components Datasheet Search
  English  ▼

X  

SC4611 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC4611
Description  Wide Input Range High Performance Synchronous Buck Switching Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4611 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC4611 Datasheet HTML 3Page - Semtech Corporation SC4611 Datasheet HTML 4Page - Semtech Corporation SC4611 Datasheet HTML 5Page - Semtech Corporation SC4611 Datasheet HTML 6Page - Semtech Corporation SC4611 Datasheet HTML 7Page - Semtech Corporation SC4611 Datasheet HTML 8Page - Semtech Corporation SC4611 Datasheet HTML 9Page - Semtech Corporation SC4611 Datasheet HTML 10Page - Semtech Corporation SC4611 Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
 2004 Semtech Corp.
www.semtech.com
SC4611
POWER MANAGEMENT
Applications Information
INTR
INTR
INTR
INTR
INTRODUCTION
ODUCTION
ODUCTION
ODUCTION
ODUCTION
The SC4611 is designed to control and drive N-Channel
MOSFET synchronous rectified buck convertors. The
switching frequency is programmable to optimize design.
The SC4611 switching regulator section features external
current sensing and provides a hiccup mode overcurrent
protection followed by a latched shutdown. It is also
optimized for multiple convertors operating in parallel
redundant mode.
PO
PO
PO
PO
POWERING THE CONTR
WERING THE CONTR
WERING THE CONTR
WERING THE CONTR
WERING THE CONTROLLER
OLLER
OLLER
OLLER
OLLER
Supplies VIN, PVCC and AVCC from the input source are
used to power the SC4611. The VIN supply provides the
bias for the internal reference and UVLO circuitry. The AVCC
supply provides the bias for the oscillator, PWM switcher,
voltage feedback, current sense and the Power OK circuitry.
PVCC is used to drive the low and high side MOSFET gates.
An external PNP transistor can be set up as a linear
regulator to generate well regulated AVCC and PVCC as
shown in the Typical Application Circuit. The maximum
current into the BDI pin should be limited to 5 mA under
all conditions. For example if an external PNP transistor is
used with Vin less than 7V, the BDI pin will saturate and
pull down the Vin input. A series resistor between the base
of the external PNP transistor and the BDI should be used
to limit the current into the BDI pin.
The VCC pins have an absolute maximum rating of 7V. If
maximum VIN is less than 7V it may be connected directly
to AVCC and PVCC, leaving the BDI pin open.
S
SS
SSTTTTTAR
AR
AR
AR
ART UP SEQUENCE
T UP SEQUENCE
T UP SEQUENCE
T UP SEQUENCE
T UP SEQUENCE
Start up is inhibited until AVCC input reaches its UVLO
threshold. The UVLO limit is 4.2V typical. The power up
sequence is initiated by a 7 uA current source charging the
soft start capacitor connected to the SS pin. When the SS
pin reaches 1V, the converter will start switching. The
reference input of the error amplifier is ramped up with
the soft-start signal, level shifted down by 1V. Initially only
the high side driver is enabled. Keeping the low side
MOSFET off during start up is useful where multiple
convertors are operating in parallel. It prevents forward
conduction in the freewheeling MOSFET which might
otherwise cause a dip in the common output bus.
When the SS pin reaches 2V, the low side MOSFET will
begin to switch and the convertor is fully operational in the
synchronous mode. The reference input of the error
amplifier is released and the SS pin is pulled up to AVCC.
The soft start duration is controlled by the value of the SS
cap. If the SS pin is pulled below 0.5V, the device is disabled
and draws only 4 mA current.
Note that the SS pin threshold for soft-start is supply
dependant and defined above for AVCC = 6V. If AVCC is
lower, the threshold should be reduced proportionately,
i.e. SS enable threshold will be 0.375V when AVCC = 4.5V.
G
G
G
G
GAAAAATE DRIVERS
TE DRIVERS
TE DRIVERS
TE DRIVERS
TE DRIVERS
The low side gate driver is supplied from PVCC and provides
a peak source/sink current of 2A. The high side gate drive
is also capable of sourcing and sinking peak currents of
2A. Protection logic provides a 30 nS dead time to ensure
both the upper and lower MOSFETs will not turn on
simultaneously and cause a shoot through condition.
The high side MOSFET gate drive can be provided by an
external 12V supply that is connected from BST to GND.
The actual gate to source voltage of the upper MOSFET will
approximately equal 6V (12V-VCC). If the external 12V
supply is not available, a classical bootstrap technique can
be implemented from the PVCC supply. A bootstrap
capacitor is connected from BST to Phase while PVCC is
connected through a diode (Low V
F Schottky or ultrafast
diode) to the BST. This will provide a gate to source voltage
approximately equal to the VCC-Vdiode drop.
OSCILLA
OSCILLA
OSCILLA
OSCILLA
OSCILLATTTTTOR
OR
OR
OR
OR
The switching frequency fsw of the SC4611 is set by an
external resistor using the following formula:
Fsw
RT
9375
=
R
T is in kOhm and fsw is in kHz. This relation is a first order
approximation of the more complex relationship between
RT and Fsw. The oscillator can be synchronised to an
external clock that is nominally faster than the internal
frequency set by R
OSC. The external voltage level applied
should be lower than AVCC of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com