Electronic Components Datasheet Search
  English  ▼

X  

LNE150 Datasheet(PDF) 1 Page - Supertex, Inc

Part # LNE150
Description  N-Channel Enhancement-Mode DMOS FETs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LNE150 Datasheet(HTML) 1 Page - Supertex, Inc

  LNE150 Datasheet HTML 1Page - Supertex, Inc LNE150 Datasheet HTML 2Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
7-21
7
BVDSS /RDS(ON)
ID(ON)
BV
DGS
(max)
(min)
TO-236AB*
Die
500V
1.0KΩ
3.0mA
LNE150K1
LNE150ND
LNE150
Advanced DMOS Technology
This low threshold Enhancement-mode (normally-off) transistor
utilizes an advanced DMOS structure and Supertex’s well-proven
silicon-gate manufacturing process. This combination produces
devices with the power handling capabilities of bipolar transistors
and with the high impedance and positive temperature coefficient
inherent in MOS devices. Characteristic of all MOS structures,
these devices are free from thermal runaway and thermally-
induced secondary breakdown.
Supertex’s DMOS FETs are ideally suited to a wide range of
switching and amplifying applications where high breakdown
voltage, high input impedance, low input capacitance, and fast
switching speeds are desired.
N-Channel Enhancement-Mode
DMOS FETs
Package Options
Absolute Maximum Ratings
Drain-to-Source Voltage
BVDSS
Drain-to-Gate Voltage
BV
DGS
Gate-to-Source Voltage
-0.7V to +10V
Operating and Storage Temperature
-55°C to +150°C
Soldering Temperature*
300°C
* Distance of 1.6 mm from case for 10 seconds.
Features
Free from secondary breakdown
Low power drive requirement
Ease of paralleling
Low C
ISS and fast switching speeds
Excellent thermal stability
Integral Source-Drain diode
High input impedance and high gain
Applications
Logic level interface - ideal for TTL and CMOS
Solid state relays
Battery operated systems
Photo voltaic drive
Analog switches
General purpose line drivers
Telecom switches
Gate
Drain
Source
Ordering Information
Preliminary
Note: See Package Outline section for dimensions.
Product marking for TO-236AB:
NEE
❋
where
❋ = 2-week alpha date code
Order Number / Package
*Same as SOT-23. All units shipped on 3,000 piece carrier tape reels.
TO-236AB
(SOT-23)
top view
– OBSOLETE
–


Similar Part No. - LNE150

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LNE-100W DELTA-LNE-100W Datasheet
969Kb / 15P
North American and International AC voltage options
LNE-120W DELTA-LNE-120W Datasheet
1,007Kb / 15P
North American and International AC voltage options
LNE-150W DELTA-LNE-150W Datasheet
1,020Kb / 15P
North American and International AC voltage options
LNE-185W DELTA-LNE-185W Datasheet
998Kb / 15P
North American and International AC voltage options
More results

Similar Description - LNE150

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN2501 SUTEX-TN2501 Datasheet
476Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
TN5325 SUTEX-TN5325 Datasheet
446Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN0606 SUTEX-VN0606 Datasheet
434Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN2406 SUTEX-VN2406 Datasheet
442Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN3515L SUTEX-VN3515L Datasheet
441Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN10KN9 SUTEX-VN10KN9 Datasheet
242Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN0550 SUTEX-VN0550_07 Datasheet
534Kb / 5P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN0540 SUTEX-VN0540 Datasheet
30Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN4012 SUTEX-VN4012 Datasheet
446Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN3205N3-G SUTEX-VN3205N3-G Datasheet
728Kb / 6P
N-Channel Enhancement-Mode Vertical DMOS FETs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com