Electronic Components Datasheet Search
  English  ▼

X  

LNE150 Datasheet(PDF) 2 Page - Supertex, Inc

Part # LNE150
Description  N-Channel Enhancement-Mode DMOS FETs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LNE150 Datasheet(HTML) 2 Page - Supertex, Inc

  LNE150 Datasheet HTML 1Page - Supertex, Inc LNE150 Datasheet HTML 2Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
7-22
LNE150
Package
ID (continuous)*
ID (pulsed)
Power Dissipation
θjc
θa
IDR
IDRM
@ T
A = 25°C
°C/W
°C/W
TO-236AB
3mA
20mA
0.36W
200
350
3mA
20mA
* I
D (continuous) is limited by max rated Tj.
Thermal Characteristics
Switching Waveforms and Test Circuit
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
V
DD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
5V
V
DD
R
gen
0V
0V
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
BV
DSS
Drain-to-Source Breakdown Voltage
500
V
V
GS = 0V, ID = 100µA
BVGSS
Gate-to-Source Diode Breakdown Voltage
10
V
IGS = 100µA
VSG
Source-to-Gate diode Forward Voltage Drop
0.7
V
ISG = 100µA
I
SG
Source-to-Gate Continuous Diode Current
3
mA
V
DS = 0V
VGS(TH)
Gate Threshold Voltage
0.6
2.5
V
VGS = VDS, ID = 1.0mA
∆VGS(TH)
Change in V
GS(TH) with Temperature
-4.5
mV/°CVGS = VDS, ID = 1.0mA
I
GSS
Gate Body Leakage Current
50
nA
V
GS = +5.0V, VDS = 0V
IDSS
Zero Gate Voltage Drain Current
100
nA
VGS =0V, VDS = 500V
ID(ON)
ON-State Drain Current
3
mA
VGS = 5.0V, VDS = 25V
R
DS(ON)
Static Drain-to-Source ON-State Resistance
1.0
KΩ
V
GS = 5.0V, ID = 500µA
∆RDS(ON)
Change in RDS(ON) with Temperature
1.1
%/°CVGS = 0V, ID = 500µA
CISS
Input Capacitance
12
VGS = 0V, VDS = 25V,
C
OSS
Common Source Output Capacitance
2
pF
f=1.0MHz
CRSS
Reverse Transfer Capacitance
0.8
t
ON
Turn-ON Time
10
ns
V
GS = 0V to 5V, RGEN = 100Ω,
t
OFF
Turn-OFF Time
10
V
DD = 1.0V, Rload = 200Ω
VSD
Diode forward Voltage Drop
1.8
V
VGS = 0V, ISD = 3.0mA
Notes:
1. All D.C. parameters 100% tested at 25°C unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2.
All A.C. parameters sample tested.
Electrical Characteristics (@ 25°C unless otherwise specified)
– OBSOLETE
–



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com