Electronic Components Datasheet Search
  English  ▼

X  

LR645 Datasheet(PDF) 8 Page - Supertex, Inc

Part # LR645
Description  High Input Voltage SMPS Start-up / Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR645 Datasheet(HTML) 8 Page - Supertex, Inc

  LR645 Datasheet HTML 1Page - Supertex, Inc LR645 Datasheet HTML 2Page - Supertex, Inc LR645 Datasheet HTML 3Page - Supertex, Inc LR645 Datasheet HTML 4Page - Supertex, Inc LR645 Datasheet HTML 5Page - Supertex, Inc LR645 Datasheet HTML 6Page - Supertex, Inc LR645 Datasheet HTML 7Page - Supertex, Inc LR645 Datasheet HTML 8Page - Supertex, Inc LR645 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
LR645
3-Lead TO-220 (Power Package) Package Outline (N5)
Symbol
A
A1
A2
b
b2
c
D
D1
D2
E
E1
E2
e
H1
L
L1
Q
ΦP
Dimension
(inches)
MIN
.140
.020
.080
.015
.045
.014
.560
.330
.480
.380
.270
-
.100
BSC
.230
.500
-
.100
.139
NOM
---
.027
.057
-------
-----
MAX
.190
.055
.115
.040
.070
.024
.650
.355
.507
.420
.350
.030
.270
.580
.250
.135
.161
JEDEC Registration TO-220, Variation AB, Issue K, April 2002.
Drawings not to scale.
L
A2
A
e
Detail
B
12
3
D
D1
Q
4
E2
E
ΦP
Seating
Plane
A1
A
A
Chamfer
Optional
H1
E
D2
Thermal
Pad
Front View
Side View
View A - A
L1
b
b2
1
2
3
E1
Detail B
c



Html Pages

1 2 3 4 5 6 7 8 9