Electronic Components Datasheet Search
  English  ▼

X  

MD1213 Datasheet(PDF) 2 Page - Supertex, Inc

Part # MD1213
Description  High Speed Dual MOSFET Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD1213 Datasheet(HTML) 2 Page - Supertex, Inc

  MD1213 Datasheet HTML 1Page - Supertex, Inc MD1213 Datasheet HTML 2Page - Supertex, Inc MD1213 Datasheet HTML 3Page - Supertex, Inc MD1213 Datasheet HTML 4Page - Supertex, Inc MD1213 Datasheet HTML 5Page - Supertex, Inc MD1213 Datasheet HTML 6Page - Supertex, Inc MD1213 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
MD1213
Ordering Information
DEVICE
Package Option
12-Lead 4x4x0.8pitch QFN
MD1213
MD1213K6-G
Absolute Maximum Ratings
Parameter
Value
V
DD-VSS, logic supply voltage
-0.5V to +13.5V
V
H, output high supply voltage
V
L - 0.5V to VDD +0.5V
V
L, output low supply voltage
V
SS - 0.5V to VH +0.5V
V
SS, low side supply voltage
-7.0V to +0.5V
Logic input levels
V
SS-0.5V to VSS+7.0V
Maximum junction temperature
+125°C
Storage temperature
-65°C to 150°C
Operating temperature
-20°C to 85°C
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
Pin Configuration
1
7
12
10
4
9
6
3
12-Lead QFN (K6)
(top view)
DC Electrical Characteristics
(Over operating conditions unless otherwise specified, V
H = VDD1 = VDD2 = 12V, VL = VSS1 = VSS2 = 0V, VOE = 3.3V, TJ = 25°C)
Sym
Parameter
Min
Typ
Max
Units
Conditions
V
DD - VSS
Logic supply voltage
4.5
-
13
V
---
V
SS
Logic side supply voltage
-5.5
-
0
V
---
V
H
Output high supply voltage
V
SS + 2.0
-
V
DD
V
---
V
L
Output low supply voltage
V
SS
-V
DD - 2.0
V
---
I
DD1Q
V
DD1 quiescent current
-
0.55
-
mA
No input transitions
I
DD2Q
V
DD2 quiescent current
-
-
10
µA
I
HQ
V
H quiescent current
-
-
10
µA
I
DD1
V
DD1 average current
-
0.88
-
mA
One channel on at 5.0Mhz,
No load
I
DD2
V
DD2 average current
-
6.6
-
mA
I
H
V
H average current
-
23
-
mA
V
IH
Input logic voltage high
V
OE - 0.3
-
5.0
V
For logic inputs IN
A and INB
V
IL
Input logic voltage low
0
-
0.3
V
I
IH
Input logic current high
-
-
1.0
µA
I
IL
Input logic current low
-
-
1.0
µA
Package Marking
1213
YWLL
Y = Last Digit of Year Sealed
W = Code for Week Sealed
L = Lot Number
= “Green” Packaging
12-Lead QFN (K6)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com