Electronic Components Datasheet Search
  English  ▼

X  

TP2510 Datasheet(PDF) 4 Page - Supertex, Inc

Part # TP2510
Description  Low Threshold P-Channel Enhancement Mode Vertical DMOS FETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP2510 Datasheet(HTML) 4 Page - Supertex, Inc

  TP2510 Datasheet HTML 1Page - Supertex, Inc TP2510 Datasheet HTML 2Page - Supertex, Inc TP2510 Datasheet HTML 3Page - Supertex, Inc TP2510 Datasheet HTML 4Page - Supertex, Inc TP2510 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
TP2510
Typical Performance Curves
Gate Drive Dynamic Characteristics
On-Resistance vs. Drain Current
Transfer Characteristics
Capacitance vs. Drain-to-Source Voltage
200
0
-10
-20
-30
-40
100
0
-2-4-6-8
-10
-5
-4
-3
-2
-1
0
0
-50
0
50
100
150
1.1
1.0
0.9
10
8
6
4
2
0
1.4
1.2
1.0
0.8
0.6
0.4
2.0
1.6
1.2
0.8
0.4
0
-10
-8
-6
-4
-2
0
0
1.0
2.0
-50
0
50
100
150
VDS = -40V
VDS = -10V
VGS = -5V
VGS = -10V
TA = -55°C
0
-0.8
-1.6
-2.4
-4.0
-3.2
f = 1MHz
71 pF
RDS (ON) @ -10V, -0.75A
150
50
0
142 pF
150
°C
25
°C
Tj (°C)
ID (amperes)
BVDSS Variation with Temperature
Tj (°C)
V(th) and RDS Variation with Temperature
VGS (volts)
VDS = -25V
V(th) @ -1mA
QG (nanocoulombs)
VDS (volts)
CISS
COSS
CRSS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com