Electronic Components Datasheet Search
  English  ▼

X  

IMP5218 Datasheet(PDF) 4 Page - IMP, Inc

Part # IMP5218
Description  9--Liine Pllug and Pllay SCSII Termiinattor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP5218 Datasheet(HTML) 4 Page - IMP, Inc

  IMP5218 Datasheet HTML 1Page - IMP, Inc IMP5218 Datasheet HTML 2Page - IMP, Inc IMP5218 Datasheet HTML 3Page - IMP, Inc IMP5218 Datasheet HTML 4Page - IMP, Inc IMP5218 Datasheet HTML 5Page - IMP, Inc IMP5218 Datasheet HTML 6Page - IMP, Inc IMP5218 Datasheet HTML 7Page - IMP, Inc IMP5218 Datasheet HTML 8Page - IMP, Inc IMP5218 Datasheet HTML 9Page - IMP, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Application Information
IMP5218 Maximizes Line Current
Cable transmission theory suggests to optimize signal speed and
quality, the termination should act both as an ideal voltage refer-
ence when the line is released (deasserted) and as an ideal
current source when the line is active (asserted). Common active
terminators which consist of linear regulators in series with resis-
tors (typically 110
Ω) are a compromise. With coventional linear
terminators as the line voltage increases the amount of current
decreases linearly by the equation;
The IMP5218, with its unique new architecture, applies the maxi-
mum amount of current regardless of line voltage until the
termination high threshold (2.85V) is reached.
Acting as a near ideal line terminator, the IMP5218 closely repro-
duces the optimum case when the device is enabled. To enable the
device the Disconnect 1 and Disconnect 2 pins must be driven per
Table 1. When enabled, quiescent current is 6mA and the device
will respond to line demands by delivering 24mA on assertion
and by imposing 2.85V on de-assertion.
Disable/Sleep Mode
Disable/Sleep mode can be used for power conservation or to
remove the terminator from the SCSI chain.
The IMP5218 is disabled when both disconnect pins are driven
logic LOW.
Disable mode places the device in a sleep state, where quiescent
current is typically 375
µA. When disabled, all outputs are in a
high impedance state and each output has only 3pF of capaci-
tance.
An additional feature of the IMP5218 is its compatibility with
active negation drivers.
VV
R
I
REF
LINE
−
()
= .
Figure 3.
5218_03.eps
1 Meter, AWG 28
IMP5218
Receiver
Driver
IMP5218
Figure 1. Receiving Waveform – 20MHz
Figure 2. Driving Waveform – 20MHz
IMP5
IMP511111/5
1/5111122
IMP52
IMP521188
www.ds-imp.com.cn
Daily Silver IMP



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com