Electronic Components Datasheet Search
  English  ▼

X  

IMP5218 Datasheet(PDF) 9 Page - IMP, Inc

Part # IMP5218
Description  9--Liine Pllug and Pllay SCSII Termiinattor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP5218 Datasheet(HTML) 9 Page - IMP, Inc

Back Button IMP5218 Datasheet HTML 2Page - IMP, Inc IMP5218 Datasheet HTML 3Page - IMP, Inc IMP5218 Datasheet HTML 4Page - IMP, Inc IMP5218 Datasheet HTML 5Page - IMP, Inc IMP5218 Datasheet HTML 6Page - IMP, Inc IMP5218 Datasheet HTML 7Page - IMP, Inc IMP5218 Datasheet HTML 8Page - IMP, Inc IMP5218 Datasheet HTML 9Page - IMP, Inc IMP5218 Datasheet HTML 10Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Data Communications
9
Figure 23. Output Current Matching Channel to Channel
Typical Characteristics
1 2 3 4 5
6 7 8 9
10 11 12 13
14 15 16 17
18 19 20 21
22 23 24 25
i0
i2
i4
i6
i8
21
21.5
22
22.5
23
23.5
24
Part #
Channel
23.5 – 24
23 – 23.5
22.5 – 23
22 – 22.5
21.5 – 22
21 – 21.5
Figure 24. 8-Bit SCSI System Application
5V
2.2
µF
DISC1
DISC2
TERM POWER
IMP5218
V
TERM
TERMPWR
V
TERM
TERMPWR
IMP5218
DISC1
Note: Add third IMP5218 for 16-bit SCSI
DISC2
ATN
BSY
ACK
RST
MSG
DB (P)
DB (7)
DB (6)
DB (1)
DB (0)
HOST
PERIPHERAL
SCSI CABLE
ATN
BSY
ACK
RST
MSG
TERMPWR
DB (P)
DB (7)
DB (6)
DB (1)
DB (0)
TERM POWER
V
TERM
IMP5218
TERMPWR
V
TERM
IMP5218
DISC2
DISC1
DISC2
DISC1
2.2
µF
5V
IMP5
IMP511111/5
1/5111122
IMP52
IMP521188
Daily Silver IMP



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com