Electronic Components Datasheet Search
  English  ▼

X  

HT46R32 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT46R32
Description  A/D Type 8-Bit OTP MCU with OPA
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R32 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT46R32 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R32 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R32 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R32 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R32 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R32 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R32 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R32 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R32 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
HT46R32/HT46R34
A/D Type 8-Bit OTP MCU with OPA
Rev. 1.10
1
March 16, 2007
General Description
The HT46R32 and HT46R34 are 8-bit, high perfor-
mance, RISC architecture microcontroller devices. With
their fully integrated A/D converter they are especially
suitable for applications which interface to analog sig-
nals, such as those from sensors. The addition of an in-
ternal operational amplifier/comparator and PWM
modulation functions further adds to the analog capabil-
ity of these devices.
With the comprehensive features of low power con-
sumption, I/O flexibility, programmable frequency di-
vider, timer functions, oscillator options, multi-channel
A/D Converter OP/Comparator, Pulse Width Modula-
tion function, Power-down and wake-up functions etc,
the application scope of these devices is broad and en-
compasses areas such as sensor signal processing,
motor driving, industrial control, consumer products,
subsystem controllers, etc.
Features
· Operating voltage:
fSYS=4MHz: 2.2V~5.5V
fSYS=8MHz: 3.3V~5.5V
· 20 bidirectional I/O lines (max.)
· Single interrupt input shared with an I/O line
· 8-bit programmable timer/event counter with overflow
interrupt and 7-stage prescaler
· Integrated crystal and RC oscillator
· Watchdog Timer
· 2048´14 Program Memory capacity - HT46R32
4096
´15 Program Memory capacity - HT46R34
· 88´8 Data Memory capacity - HT46R32
192
´8 Data Memory capacity - HT46R34
· Integrated PFD function for sound generation
· Power-down and wake-up functions reduce power
consumption
· Up to 0.5ms instruction cycle with 8MHz system clock
at VDD=5V
· 6-level subroutine nesting
· 4 channel 12-bit resolution A/D converter
· Integrated single operational amplifier or comparator
selectable via configuration option
· Dual 8-bit PWM outputs shared with I/O lines
· Bit manipulation instruction
· Full table read instruction
· 63 powerful instructions
· All instructions executed in one or two machine
cycles
· Low voltage reset function
· 28-pin SKDIP/SOP/SSOP package
Technical Document
· Tools Information
· FAQs
· Application Note
- HA0003E Communicating between the HT48 & HT46 Series MCUs and the HT93LC46 EEPROM
- HA0049E Read and Write Control of the HT1380
- HA0051E Li Battery Charger Demo Board - Using the HT46R47
- HA0052E Microcontroller Application - Battery Charger
- HA0083E Li Battery Charger Demo Board - Using the HT46R46


Similar Part No. - HT46R32

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R321 HOLTEK-HT46R321 Datasheet
294Kb / 45P
A/D Type 8-Bit OTP MCU with OPA and 8x4 LED Driver
August 3, 2007
HT46R322 HOLTEK-HT46R322 Datasheet
305Kb / 40P
A/D with OPA Type 8-Bit OTP MCU
December 21, 2006
More results

Similar Description - HT46R32

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R14 HOLTEK-HT46R14 Datasheet
326Kb / 47P
A/D Type 8-Bit OTP MCU
November 1, 2005
HT46R51 HOLTEK-HT46R51 Datasheet
294Kb / 42P
A/D Type 8-Bit OTP MCU
July 12, 2005
HT46R53 HOLTEK-HT46R53 Datasheet
297Kb / 42P
A/D Type 8-Bit OTP MCU
July 12, 2005
HT46R322 HOLTEK-HT46R322 Datasheet
305Kb / 40P
A/D with OPA Type 8-Bit OTP MCU
December 21, 2006
HT46R12A HOLTEK-HT46R12A Datasheet
307Kb / 48P
A/D Type 8-Bit OTP MCU
August 3, 2007
HT46R14A HOLTEK-HT46R14A Datasheet
320Kb / 49P
A/D Type 8-Bit OTP MCU
August 3, 2007
HT46R321 HOLTEK-HT46R321 Datasheet
294Kb / 45P
A/D Type 8-Bit OTP MCU with OPA and 8x4 LED Driver
August 3, 2007
HT46R343 HOLTEK-HT46R343 Datasheet
295Kb / 40P
A/D Type 8-Bit OTP MCU with OPA and 8x8 LED Driver
October 11, 2007
HT48R066G HOLTEK-HT48R066G Datasheet
510Kb / 88P
Enhanced I/O Type 8-bit OTP MCU with OPA
HT46R064G HOLTEK-HT46R064G Datasheet
787Kb / 136P
Enhanced A/D Type 8-Bit OTP MCU with OPA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com