Electronic Components Datasheet Search
  English  ▼

X  

HT46R32 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT46R32
Description  A/D Type 8-Bit OTP MCU with OPA
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R32 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT46R32 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R32 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R32 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R32 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R32 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R32 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R32 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R32 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R32 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
HT46R32/HT46R34
Rev. 1.10
17
March 16, 2007
A/D Converter
A 4 channel 12-bit resolution A/D converter is imple-
mented in the microcontrollers. The reference voltage
for the A/D is VDD. The A/D converter contains 4 special
registers, which are; ADRL, ADRH, ADCR and ACSR.
The ADRH and ADRL registers are the A/D conversion
result register higher-order byte and lower-order byte
and are read-only. After the A/D conversion has com-
pleted, the ADRL and ADRH registers should be read to
get the conversion result data. The ADCR register is an
A/D converter control register, which defines the A/D
channel number, analog channel select, start A/D con-
version control bit and the end of A/D conversion flag. It
is used to start an A/D conversion, define the PB config-
uration, select the converted analog channel, and give
the START bit a raising edge and a falling edge
(0
®1®0). At the end of an A/D conversion, the EOCB
bit is cleared and an A/D converter interrupt occurs, if
the A/D converter interrupt is enabled. The ACSR
register is an A/D clock setting register, which is used to
select the A/D clock source.
The A/D converter control register is used to control the
A/D converter. Bit2~bit0 of the ADCR regsiter are used
to select an analog input channel. There are a total of
four channels to select. Bit5~bit3 of the ADCR register
are used to set the PB configurations. PB can be config-
ured as an analog input or as a digital I/O line decided by
these 3 bits. Once a PB line is selected as an analog in-
put, the I/O functions and pull-high resistor of this I/O
line are disabled, and the A/D converter circuit is
powered on. The EOCB bit, bit6 of ADCR, is the end of
A/D conversion flag. This bit is monitored to check when
the A/D conversion has completed. The START bit of
the ADCR register is used to initiate the A/D conversion
process. When the START bit is provided with a raising
edge and then a falling edge, the A/D conversion pro-
cess will begin. In order to ensure that the A/D conver-
sion is completed, the START should remain at
²0² until
the EOCB flag is cleared to
²0² which indicates the end
of the A/D conversion.
Bit 7 of the ACSR register is used for test purposes only
and must not be used for other purposes by the applica-
tion program. Bit1 and bit0 of the ACSR register are
used to select the A/D clock source.
When the A/D conversion has completed, the A/D inter-
rupt request flag will be set. The EOCB bit is set to
²1²
when the START bit is set from
²0² to ²1².
Important Note for A/D initialisation:
Special care must be taken to initialise the A/D con-
verter each time the Port B A/D channel selection bits
are modified, otherwise the EOCB flag may be in an un-
defined condition. An A/D initialisation is implemented
by setting the START bit high and then clearing it to zero
within 10 instruction cycles of the Port B channel selec-
tion bits being modified. Note that if the Port B channel
selection bits are all cleared to zero then an A/D
initialisation is not required.
Register Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0
ADRL
D3
D2
D1
D0
¾¾¾¾
ADRH
D11 D10 D9
D8
D7
D6
D5
D4
Note:
D0~D11 is A/D conversion result data bit
LSB~MSB.
ADRL (20H), ADRH (21H) Register
f S Y S / 2
P W M
[ P W M ] = 1 0 0
[ P W M ] = 1 0 1
P W M
[ P W M ] = 1 0 2
P W M
[ P W M ] = 1 0 3
P W M
P W M c y c l e : 2 5 6 / f S Y S
2 5 / 6 4
2 6 / 6 4
2 6 / 6 4
2 6 / 6 4
2 5 / 6 4
2 5 / 6 4
2 5 / 6 4
2 5 / 6 4
2 5 / 6 4
2 5 / 6 4
2 5 / 6 4
2 6 / 6 4
2 6 / 6 4
2 5 / 6 4
2 5 / 6 4
2 6 / 6 4
2 5 / 6 4
2 6 / 6 4
2 6 / 6 4
2 6 / 6 4
M o d u l a t i o n c y c l e 0
P W M m o d u l a t i o n p e r i o d : 6 4 / f S Y S
M o d u l a t i o n c y c l e 1
M o d u l a t i o n c y c l e 2
M o d u l a t i o n c y c l e 3
M o d u l a t i o n c y c l e 0
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com