Electronic Components Datasheet Search
  English  ▼

X  

HT46RB70 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT46RB70
Description  A/D Type USB 8-Bit MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46RB70 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT46RB70 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46RB70 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46RB70 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46RB70 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46RB70 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46RB70 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46RB70 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46RB70 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46RB70 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
HT46RB70
Rev. 1.10
8
November 1, 2006
At a subroutine call or an interrupt acknowledgment, the
contents of the program counter are pushed onto the
stack. At the end of the subroutine or an interrupt rou-
tine, signaled by a return instruction (RET or RETI), the
program counter is restored to its previous value from
the stack. After a chip reset, the SP will point to the top of
the stack.
If the stack is full and a non-masked interrupt takes
place, the interrupt request flag will be recorded but the
acknowledgment will be inhibited. When the stack
pointer is decremented (by RET or RETI), the interrupt is
serviced. This feature prevents stack overflow, allowing
the programmer to use the structure more easily. If the
stack is full and a
²CALL² is subsequently executed,
stack overflow occurs and the first entry will be lost (only
the most recent 16 return addresses are stored).
Data Memory
- RAM
The data memory (RAM) is designed with 438
´8 bits,
and is divided into two functional groups, namely; spe-
cial function registers (51
´8 bits) and general purpose
data memory (Bank 0: 192
´8 bits and Bank 1: 192´8
bits) most of which are readable/writeable, although
some are read only.
The unused space before 40H is reserved for future ex-
pansion usage and reading these locations will retrieve
a
²00H². The space before 40H overlaps in each bank.
The general purpose data memory, addressed from 40H
to FFH (Bank0; BP=0 or Bank1; BP=1), is used for data
and control information under instruction commands.
All of the data memory areas can handle arithmetic,
logic, increment, decrement and rotate operations di-
rectly. Except for some dedicated bits, each bit in the
data memory can be set and reset by
²SET [m].i² and
²CLR [m].i². They are also indirectly accessible through
memory pointer registers (MP0;01H/MP1;03H).
After first setting up BP to a value of
²01H² to access
bank 1, data in this bank can then be accessed indirectly
using the Memory Pointer, MP1. With BP set to a value
of
²01H², using MP1 to indirectly read or write to ad-
dresses between 40H~FFH in the data memory areas,
will result in operations to Bank 1. Directly addressing
the Data Memory will always result in Bank 0 being ac-
cessed irrespective of the value of BP.
Indirect Addressing Register
Location 00H and 02H are indirect addressing registers
that are not physically implemented. Any read/write op-
eration of [00H] and [02H] accesses the RAM pointed to
by MP0 (01H) and MP1 (03H) respectively. Reading lo-
cation 00H or 02H indirectly returns the result 00H.
While, writing into it, indirectly leads to no operation. The
function of data movement between two indirect ad-
dressing registers is not supported. The memory pointer
registers, MP0 and MP1, are both 8-bit registers used to
access the RAM by combining corresponding indirect
addressing registers.
Accumulator
- ACC
The accumulator is closely related to ALU operations. It
is also mapped to location 05H of the RAM and capable
of operating with immediate data. The data movement
between two data memory locations must pass through
the accumulator.
S p e c i a l P u r p o s e
D a t a M e m o r y
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
2 0 H
2 1 H
2 2 H
2 3 H
2 4 H
2 5 H
2 6 H
2 7 H
2 8 H
2 9 H
2 A H
2 B H
2 C H
2 D H
2 E H
2 F H
3 0 H
3 1 H
3 2 H
3 3 H
3 4 H
3 5 H
3 6 H
3 7 H
3 8 H
3 9 H
: U n u s e d
R e a d a s " 0 0 "
G e n e r a l P u r p o s e
D a t a M e m o r y
( 1 9 2 B y t e s ´ 2 B a n k : B a n k 0 , B a n k 1 )
4 0 H
3 F H
I n d i r e c t A d d r e s s i n g R e g i s t e r 0
M P 0
I n d i r e c t A d d r e s s i n g R e g i s t e r 1
M P 1
B P
A C C
P C L
T B L P
T B L H
S T A T U S
I N T C 0
T M R 0 H
T M R 0 L
T M R 0 C
T M R 1 H
T M R 1 L
T M R 1 C
P A
P A C
P B
P B C
P C
P C C
P D
P D C
P E
P E C
I N T C 1
U S C
U S R
U C C
A W R
S T A L L
S I E S
M I S C
S E T I O
F I F O 0
F I F O 1
F I F O 2
F I F O 3
F I F O 4
F I F O 5
A D R L
A D R H
A D C R
A C S R
P W M 0
P W M 1
P W M 2
P W M 3
S B C R
S B D R
3 A H
F F H
RAM Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com