Electronic Components Datasheet Search
  English  ▼

X  

HT46RB70 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT46RB70
Description  A/D Type USB 8-Bit MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46RB70 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT46RB70 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46RB70 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46RB70 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46RB70 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46RB70 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46RB70 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46RB70 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46RB70 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46RB70 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
HT46RB70
Rev. 1.10
17
November 1, 2006
Input/Output Ports
There are 38 bidirectional input/output lines in the
microcontroller, labeled from PA to PE, which are
mapped to the data memory of [12H], [14H], [16H],
[18H] and [1A] respectively. All of these I/O ports can be
used for input and output operations. For input opera-
tion, these ports are non-latching, that is, the inputs
must be ready at the T2 rising edge of instruction
²MOV
A,[m]
² (m=12H, 14H, 16H, 18H or 1A). For output oper-
ation, all the data is latched and remains unchanged un-
til the output latch is rewritten.
Each I/O line has its own control register (PAC, PBC,
PCC, PDC, PEC) to control the input/output configura-
tion. With this control register, CMOS output or Schmitt
trigger input with or without pull-high resistor structures
can be reconfigured dynamically under software control.
To function as an input, the corresponding latch of the
control register must write a
²1². The input source also
depends on the control register. If the control register bit
is
²1² the input will read the pad state. If the control reg-
ister bit is
²0² the contents of the latches will move to the
internal bus. The latter is possible in the
²Read-modify-write² instruction. For output function,
CMOS is the only configuration. These control registers
are mapped to locations 13H, 15H, 17H, 19H and 1BH.
After a chip reset, these input/output lines remain at high
levels or floating state (depending on the pull-high op-
tions). Each bit of these input/output latches can be set
or cleared by
²SET [m].i² and ²CLR [m].i² (m=12H, 14H,
16H, 18H or 1AH ) instructions.
Some instructions first input data and then follow the
output operations. For example,
²SET [m].i², ²CLR
[m].i
², ²CPL [m]², ²CPLA [m]² read the entire port states
into the CPU, execute the defined operations
(bit-operation), and then write the results back to the
latches or the accumulator.
P A 0 ~ P A 7
P B 0 / A N 0 ~ P B 7 / A N 7
P C 0 / I N T
P C 1 / T M R 0
P C 2 / T M R 1
P C 3 ~ P C 7
P D 0 / P W M 0 ~ P D 3 / P W M 3
P D 4 ~ P D 7
P E 0 / S C S
P E 1 / C L K
P E 2 / S D I
P E 3 / S D O
P E 4 ~ P E 5
V D D
M
U
X
M
U
X
I N T f o r P C 0
T M R 0 f o r P C 1
T M R 1 f o r P C 2
S y s t e m W a k e - u p
( P A o n l y )
R e a d D a t a R e g i s t e r
C o n t r o l B i t
P U
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e D a t a R e g i s t e r
D a t a B i t
M a s k O p t i o n
M a s k O p t i o n
P D 0 ~ P D 3
P W M 0 ~ P W M 3
D
Q
C K
S
Q
D
Q
C K
S
Q
Input/Output Ports
Bit No.
Label
Function
0~2, 5
¾
Unused bit, read as
²0²
3
T1E
Defines the TMR active edge of the timer/ event counter
(0=active on low to high; 1=active on high to low)
4
T1ON
Enable/disable timer counting (0=disable; 1=enable)
6
7
T1M0
T1M1
Defines the operating mode, T1M1, T1M0:
01=Event count mode (external clock)
10=Timer mode (internal clock)
11=Pulse width measurement mode
00=Unused
TMR1C (11H) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com