Electronic Components Datasheet Search
  English  ▼

X  

LM3046 Datasheet(PDF) 3 Page - SYC Electronica

Part # LM3046
Description  Transistor Array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

LM3046 Datasheet(HTML) 3 Page - SYC Electronica

  LM3046 Datasheet HTML 1Page - SYC Electronica LM3046 Datasheet HTML 2Page - SYC Electronica LM3046 Datasheet HTML 3Page - SYC Electronica LM3046 Datasheet HTML 4Page - SYC Electronica LM3046 Datasheet HTML 5Page - SYC Electronica LM3046 Datasheet HTML 6Page - SYC Electronica LM3046 Datasheet HTML 7Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Electrical Characteristics (Continued)
(T
A = 25˚C unless otherwise specified)
Parameter
Conditions
Limits
Units
Min
Typ
Max
Temperature Coefficient of Base to
Emitter Voltage
V
CE = 3V, IC = 1 mA
−1.9
mV/˚C
Collector to Emitter Saturation Voltage (V
CE(SAT))IB = 1 mA, IC = 10 mA
0.23
V
Temperature Coefficient of
Input Offset Voltage
V
CE = 3V, IC = 1 mA
1.1
µV/˚C
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits.
Note 2: The collector of each transistor is isolated from the substrate by an integral diode. The substrate (terminal 13) must be connected to the most negative point
in the external circuit to maintain isolation between transistors and to provide for normal transistor action.
Electrical Characteristics
Parameter
Conditions
Min
Typ
Max
Units
Low Frequency Noise Figure (NF)
f = 1 kHz, V
CE = 3V,
3.25
dB
I
C = 100 µA, RS =1k
Ω
LOW FREQUENCY, SMALL SIGNAL EQUIVALENT CIRCUIT CHARACTERISTICS
Forward Current Transfer Ratio (h
fe)
f = 1 kHz, V
CE = 3V,
110
I
C =1mA
Short Circuit Input Impednace (h
ie)
3.5
k
Ω
Open Circuit Output Impedance (h
oe)
15.6
µmho
Open Circuit Reverse Voltage Transfer Ratio (h
re)
1.8x10
−4
ADMITTANCE CHARACTERISTICS
Forward Transfer Admittance (Y
fe)
f = 1 MHz, V
CE = 3V,
31 − j 1.5
Input Admittance (Y
ie)IC = 1 mA
0.3+J 0.04
Output Admittance (Y
oe)
0.001+j 0.03
Reverse Transfer Admittance (Y
re)
See Curve
Gain Bandwidth Product (f
T)VCE = 3V, IC = 3 mA
300
550
Emitter to Base Capacitance (C
EB)VEB = 3V, IE = 0
0.6
pF
Collector to Base Capacitance (C
CB)VCB = 3V, IC = 0
0.58
pF
Collector to Substrate Capacitance (C
CI)VCS = 3V, IC = 0
2.8
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com