Electronic Components Datasheet Search
  English  ▼

X  

LM392 Datasheet(PDF) 2 Page - SYC Electronica

Part # LM392
Description  Low Power Operational Amplifier/Voltage Comparator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

LM392 Datasheet(HTML) 2 Page - SYC Electronica

  LM392 Datasheet HTML 1Page - SYC Electronica LM392 Datasheet HTML 2Page - SYC Electronica LM392 Datasheet HTML 3Page - SYC Electronica LM392 Datasheet HTML 4Page - SYC Electronica LM392 Datasheet HTML 5Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
LM392
Supply Voltage, V
+
32V or ±16V
Differential Input Voltage
32V
Input Voltage
−0.3V to +32V
Power Dissipation (Note 2)
Molded DIP (LM392N)
820 mW
Small Outline Package (LM392M)
530 mW
Output Short-Circuit to Ground (Note 3)
Continuous
Input Current (V
IN < −0.3 VDC) (Note 4)
50 mA
Operating Temperature Range
0˚C to +70˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature (Soldering, 10 seconds)
260˚C
ESD rating to be determined.
Soldering Information
Dual-in-Line Package
Soldering (10 seconds)
260˚C
Small Outline Package
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other
methods of soldering surface mount devices.
Electrical Characteristics
(V
+ =5V
DC; specifications apply to both amplifiers unless otherwise stated) (Note 5)
Parameter
Conditions
LM392
Units
Min
Typ
Max
Input Offset Voltage
T
A = 25˚C, (Note 6)
±2
±5mV
Input Bias Current
IN(+) or IN(−), T
A =25˚C, (Note 7) , VCM =
0V
50
250
nA
Input Offset Current
IN(+) − IN(−), T
A = 25˚C
±5
±50
nA
Input Common-Mode Voltage Range
V
+ =30V
DC,TA = 25˚C, (Note 8)
0
V
+−1.5
V
Supply Current
R
L = ∞ ,V
+=30V
1
2
mA
Supply Current
R
L = ∞ ,V
+= 5 V
0.5
1
mA
Amplifier-to-Amplifier Coupling
f = 1 kHz to 20 kHz, T
A = 25˚C, Input
Referred, (Note 9)
−100
dB
Input Offset Voltage
(Note 6)
±7mV
Input Bias Current
IN(+) or IN(−)
400
nA
Input Offset Current
IN(+) − IN(−)
150
nA
Input Common-Mode Voltage Range
V
+ =30V
DC, (Note 8)
0
V
+−2
V
Differential Input Voltage
Keep All V
IN’
s
≥ 0V
DC (or V
−, if used ) (Note
10)
32
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com