Electronic Components Datasheet Search
  English  ▼

X  

LM392 Datasheet(PDF) 1 Page - SYC Electronica

Part # LM392
Description  Low Power Operational Amplifier/Voltage Comparator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

LM392 Datasheet(HTML) 1 Page - SYC Electronica

  LM392 Datasheet HTML 1Page - SYC Electronica LM392 Datasheet HTML 2Page - SYC Electronica LM392 Datasheet HTML 3Page - SYC Electronica LM392 Datasheet HTML 4Page - SYC Electronica LM392 Datasheet HTML 5Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LM392
Low Power Operational Amplifier/Voltage Comparator
General Description
The LM392 series consists of 2 independent building block
circuits. One is a high gain, internally frequency compen-
sated operational amplifier, and the other is a precision
voltage comparator. Both the operational amplifier and the
voltage comparator have been specifically designed to op-
erate from a single power supply over a wide range of
voltages. Both circuits have input stages which will common-
mode input down to ground when operating from a single
power supply. Operation from split power supplies is also
possible and the low power supply current is independent of
the magnitude of the supply voltage.
Application areas include transducer amplifier with pulse
shaper, DC gain block with level detector, VCO, as well as all
conventional operational amplifier or voltage comparator cir-
cuits. Both circuits can be operated directly from the stan-
dard 5 V
DC power supply voltage used in digital systems,
and the output of the comparator will interface directly with
either TTL or CMOS logic. In addition, the low power drain
makes the LM392 extremely useful in the design of portable
equipment.
Advantages
n
Eliminates need for dual power supplies
n
An internally compensated op amp and a precision
comparator in the same package
n
Allows sensing at or near ground
n
Power drain suitable for battery operation
n
Pin-out is the same as both the LM358 dual op amp and
the LM393 dual comparator
Features
n
Wide power supply voltage range
Single supply:
3V to 32V
Dual supply:
±1.5V to ±16V
n
Low supply current drain — essentially independent of
supply voltage:
600 µA
n
Low input biasing current:
50 nA
n
Low input offset voltage:
2 mV
n
Low input offset current:
5 nA
n
Input common-mode voltage range includes ground
n
Differential input voltage range equal to the power
supply voltage
ADDITIONAL OP AMP FEATURES
n
Internally frequency compensated for unity gain
n
Large DC voltage gain:
100 dB
n
Wide bandwidth (unity gain):
1 MHz
n
Large output voltage swing:
0V to V
+ − 1.5V
ADDITIONAL COMPARATOR FEATURES
n
Low output saturation voltage:
250 mV at 4 mA
n
Output voltage compatible with all types of logic systems
Connection Diagram
(Amplifier A = Comparator)
(Amplifier B = Operational Amplifier)
Dual-In-Line Package
00779301
(Top View)
Order Number LM392M or LM392MX
See NS Package Number M08A
Order Number LM392N
See NS Package Number N08E


Similar Part No. - LM392

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM392 NSC-LM392 Datasheet
98Kb / 6P
Low Power Operational Amplifier/Voltage Comparator
logo
Texas Instruments
LM392 TI-LM392 Datasheet
286Kb / 10P
LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
logo
ON Semiconductor
LM392 ONSEMI-LM392 Datasheet
127Kb / 5P
Low Power Operational Amplifier and Comparator
September, 2009 ??Rev. 4
logo
Texas Instruments
LM392 TI1-LM392 Datasheet
897Kb / 14P
LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
LM392 TI2-LM392 Datasheet
632Kb / 18P
LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
JANUARY 2006
More results

Similar Description - LM392

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM392 NSC-LM392 Datasheet
98Kb / 6P
Low Power Operational Amplifier/Voltage Comparator
logo
ON Semiconductor
MC3405 ONSEMI-MC3405 Datasheet
182Kb / 12P
DUAL OPERATIONAL AMPLIFIER / DUAL VOLTAGE COMPARATOR
REV 1
logo
NXP Semiconductors
SA58603 PHILIPS-SA58603 Datasheet
137Kb / 15P
High precision operational amplifier, comparator, and voltage reference
2002 Nov 13
logo
Texas Instruments
TSM102 TI-TSM102 Datasheet
820Kb / 12P
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
LM392 TI-LM392 Datasheet
286Kb / 10P
LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
logo
ON Semiconductor
LM392 ONSEMI-LM392 Datasheet
127Kb / 5P
Low Power Operational Amplifier and Comparator
September, 2009 ??Rev. 4
logo
Texas Instruments
LM392-N TI1-LM392-N Datasheet
148Kb / 8P
LM392 Low Power Operational Amplifier/Voltage Comparator
LM392MX TI1-LM392MX Datasheet
865Kb / 14P
lm392-N Low Power Operational Amplifier/Voltage Comparator
LM392 TI1-LM392_14 Datasheet
897Kb / 14P
LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
LM392-N TI1-LM392-N_16 Datasheet
866Kb / 14P
Low Power Operational Amplifier/Voltage Comparator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com