Electronic Components Datasheet Search
  English  ▼

X  

OP177GP Datasheet(PDF) 4 Page - SYC Electronica

Part # OP177GP
Description  Ultraprecision Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

OP177GP Datasheet(HTML) 4 Page - SYC Electronica

  OP177GP Datasheet HTML 1Page - SYC Electronica OP177GP Datasheet HTML 2Page - SYC Electronica OP177GP Datasheet HTML 3Page - SYC Electronica OP177GP Datasheet HTML 4Page - SYC Electronica OP177GP Datasheet HTML 5Page - SYC Electronica OP177GP Datasheet HTML 6Page - SYC Electronica OP177GP Datasheet HTML 7Page - SYC Electronica OP177GP Datasheet HTML 8Page - SYC Electronica OP177GP Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
OP177–SPECIFICATIONS
REV. B
–4–
ELECTRICAL CHARACTERISTICS
OP177E
OP177F
OP177G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Input Offset Voltage
VOS
10
20
15
40
20
100
µV
Average Input Offset
Voltage Drift
TCVOS
(Note 1)
0.03
0.1
0.1
0.3
0.7
1.2
µV/°C
Input Offset Current
IOS
0.5
1.5
0.5
2.2
0.5
4.5
nA
Average Input Offset
Current Drift
TCIOS
(Note 2)
1.5
25
1.5
40
1.5
85
pA/
°C
Input Bias Current
IB
–0.2
2.4
4
–0.2
2.4
4
2.4
±6.0
nA
Average Input Bias
Current Drift
TCIB
(Note 2)
8
25
8
40
15
60
pA/
°C
Input Voltage Range
IVR
(Note 3)
±13
±13.5
±13
±13.5
±13.0
±13.5
V
Common-Mode
Rejection Ratio
CMRR
VCM = ± 13 V
120
140
120
140
110
140
dB
Power Supply Rejection
Ratio
PSRR
VS = ± 3 V to ± 18 V
120
125
110
120
106
115
dB
Large-Signal
Voltage Gain
AVO
RL ≥ 2 kΩ, VO = ± 10 V
4
2000
6000
2000
6000
1000
4000
V/mV
Output Voltage Swing
VO
RL ≥ 2 kΩ± 12
±13.0
±12
±13.0
±12.0
±13.0
V
Power Consumption
PD
VS = ± 15 V, No Load
60
75
60
75
60
75
mW
Supply Current
ISY
VS = ± 15 V, No Load
2.0
2.5
2.0
2.5
2.0
2.5
mA
NOTES
1OP177E: TCV
OS is 100% tested.
2Guaranteed by endpoint limits.
3Guaranteed by CMRR test condition.
4To insure high open-loop gain throughout the
± 10 V output range, A
VO is tested at –10 V ≤ VO ≤ 0 V, 0 V ≤ VO ≤ +10 V, and –10 V ≤ VO ≤ +10 V.
Specifications subject to change without notice.
Figure 2. Typical Offset Voltage Test Circuit
Figure 3. Optional Offset Nulling Circuit
(@ VS =
15 V, –40
°C ≤ T
A
≤ +85 C, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com