Electronic Components Datasheet Search
  English  ▼

X  

OP177GP Datasheet(PDF) 8 Page - SYC Electronica

Part # OP177GP
Description  Ultraprecision Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

OP177GP Datasheet(HTML) 8 Page - SYC Electronica

Back Button OP177GP Datasheet HTML 3Page - SYC Electronica OP177GP Datasheet HTML 4Page - SYC Electronica OP177GP Datasheet HTML 5Page - SYC Electronica OP177GP Datasheet HTML 6Page - SYC Electronica OP177GP Datasheet HTML 7Page - SYC Electronica OP177GP Datasheet HTML 8Page - SYC Electronica OP177GP Datasheet HTML 9Page - SYC Electronica OP177GP Datasheet HTML 10Page - SYC Electronica OP177GP Datasheet HTML 11Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
OP177
APPLICATIONS INFORMATION
Gain Linearity
The actual open-loop gain of most monolithic op amps varies at
different output voltages. This nonlinearity causes errors in high
closed-loop gain circuits.
It is important to know that the manufacturer’s AVO specifi-
cation is only a part of the solution, since all automated testers
use endpoint testing and, therefore, only show the average gain.
For example, Figure 22 shows a typical precision op amp with a
respectable open-loop gain of 650 V/mV. However, the gain is
not constant through the output voltage range, causing
nonlinear errors. An ideal op amp would show a horizontal
scope trace.
Figure 22. Typical Precision Op Amp
Figure 23. OP177’s Output Gain Linearity Trace
Figure 24. Open-Loop Gain Linearity Test Circuit
Figure 23 shows the OP177’s output gain linearity trace with its
truly impressive average AVO of 12000 V/mV. The output trace
is virtually horizontal at all points, assuring extremely high gain
accuracy. PMI also performs additional testing to insure
consistent high open-loop gain at various output voltages.
Figure 24 is a simple open-loop gain test circuit for your own
evaluation.
THERMOCOUPLE AMPLIFIER WITH COLD-JUNCTION
COMPENSATION
An example of a precision circuit is a thermocouple amplifier
that must amplify very low level signals accurately without
introducing linearity and offset errors to the circuit. In this
circuit, an S-type thermocouple, which has a Seebeck coefficient
of 10.3 µV/°C, produces 10.3 mV of output voltage at a
temperature of 1,000°C. The amplifier gain is set at 973.16.
Thus, it will produce an output voltage of 10.024 V. Extended
temperature ranges to beyond 1,500°C can be accomplished by
reducing the amplifier gain. The circuit uses a low-cost diode to
sense the temperature at the terminating junctions and in turn
compensates for any ambient temperature change. The OP177,
with its high open-loop gain, plus low offset voltage and drift
combines to yield a very precision temperature sensing circuit. Cir-
cuit values for other thermocouple types are shown in Table I.
Table I.
Thermo-
Seebeck
couple Type Coefficient
R1
R2
R7
R9
K
39.2 µV/°C
110
Ω 5.76 kΩ 102 kΩ 269 kΩ
J
50.2 µV/°C
100
Ω 4.02 kΩ 80.6 kΩ 200 kΩ
S
10.3 µV/°C
100
Ω 20.5 kΩ 392 kΩ 1.07 MΩ
Figure 25. Thermocouple Amplifier with Cold Junction
Compensation
PRECISION HIGH GAIN DIFFERENTIAL AMPLIFIER
The high gain, gain linearity, CMRR, and low TCVOS of the
OP177 make it possible to obtain performance not previously
available in single stage, very high-gain amplifier applications.
See Figure 26.
For best CMR,
R1
R2
must equal
R3
R4
. In this example, with a
10 mV differential signal, the maximum errors are as listed in
Table II.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com