Electronic Components Datasheet Search
  English  ▼

X  

SC1457 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1457
Description  150mA Ultra Low Dropout Regulator with Undervoltage Flag
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1457 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1457 Datasheet HTML 4Page - Semtech Corporation SC1457 Datasheet HTML 5Page - Semtech Corporation SC1457 Datasheet HTML 6Page - Semtech Corporation SC1457 Datasheet HTML 7Page - Semtech Corporation SC1457 Datasheet HTML 8Page - Semtech Corporation SC1457 Datasheet HTML 9Page - Semtech Corporation SC1457 Datasheet HTML 10Page - Semtech Corporation SC1457 Datasheet HTML 11Page - Semtech Corporation SC1457 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
 2004 Semtech Corp.
www.semtech.com
SC1457
POWER MANAGEMENT
Dropout Voltage vs. Junction Temperature
vs. Output Current
Dropout Voltage vs. Output Current
vs. Junction Temperature
Typical Characteristics (Cont.)
Flag Threshold Voltage vs. Input Voltage
vs. Output Voltage
0
25
50
75
100
125
150
175
200
-50
-25
0
25
50
75
100
125
TJ (°C)
IOUT = 150mA
IOUT = 50mA
0
25
50
75
100
125
150
175
200
0
25
50
75
100
125
150
IOUT (mA)
Top to bottom:
TJ = 125°C
TJ = 25°C
TJ = -40°C
Enable Input Threshold Voltage vs. Junction
Temperature vs. Input Voltage
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
TJ (°C)
VIH @ VIN = 6.5V
VIH @ VIN = 3.8V
VIL @ VIN = 6.5V
VIL @ VIN = 3.8V
-8.0
-7.5
-7.0
-6.5
-6.0
-5.5
-5.0
-4.5
-4.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
VIN (V)
VOUT = 3.3V
VOUT = 1.5V
Flag Voltage vs. Junction Temperature
vs. Flag Current
Flag Threshold Voltage vs. Junction Temperature
vs. Output Voltage
-8.0
-7.5
-7.0
-6.5
-6.0
-5.5
-5.0
-4.5
-4.0
-50
-25
0
25
50
75
100
125
TJ (°C)
VOUT = 1.5V
VOUT = 3.3V
0
25
50
75
100
125
150
175
200
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = 4.3V
IFLG = 10mA
IFLG = 1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com