Electronic Components Datasheet Search
  English  ▼

X  

SC1457 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1457
Description  150mA Ultra Low Dropout Regulator with Undervoltage Flag
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1457 Datasheet(HTML) 3 Page - Semtech Corporation

  SC1457 Datasheet HTML 1Page - Semtech Corporation SC1457 Datasheet HTML 2Page - Semtech Corporation SC1457 Datasheet HTML 3Page - Semtech Corporation SC1457 Datasheet HTML 4Page - Semtech Corporation SC1457 Datasheet HTML 5Page - Semtech Corporation SC1457 Datasheet HTML 6Page - Semtech Corporation SC1457 Datasheet HTML 7Page - Semtech Corporation SC1457 Datasheet HTML 8Page - Semtech Corporation SC1457 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
 2004 Semtech Corp.
www.semtech.com
SC1457
POWER MANAGEMENT
Unless specified: V
IN = VOUT + 1V, VEN = VIN, IOUT = 100µA, TA = 25°C. Values in bold apply over full operating ambient temperature range.
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
)
.
t
n
o
C
(
t
u
O
ti
m
i
L
t
n
e
r
r
u
CI
M
I
L
0
0
4
A
m
e
g
a
tl
o
V
t
u
o
p
o
r
D
)
3
(
)
1
(
V
D
I
T
U
O
A
m
1
=1
V
m
I
T
U
O
A
m
0
5
=0
55
6V
m
5
7
I
T
U
O
A
m
0
0
1
=0
0
15
2
1V
m
5
5
1
I
T
U
O
A
m
0
5
1
=0
5
10
9
1V
m
0
3
2
e
s
i
o
N
e
g
a
tl
o
V
t
u
p
t
u
Oe
n
I
,
z
H
k
0
0
1
o
t
z
H
0
1
T
U
O
C
,
A
m
0
5
=
T
U
O
F
µ
1
=5
3
1V
µ
S
M
R
I
,
z
H
k
0
0
1
o
t
z
H
0
1
T
U
O
C
,
A
m
0
5
=
T
U
O
F
µ
0
0
1
=0
1
1
o
it
a
R
n
o
it
c
e
j
e
R
y
l
p
p
u
S
r
e
w
o
PR
R
S
Pz
H
0
2
1
=
f0
6B
d
N
E
d
l
o
h
s
e
r
h
T
t
u
p
n
I
e
l
b
a
n
EV
H
I
V
5
2
.
2
≤ V
N
I ≤
V
5
.
6
6
.
1
V
V
L
I
V
5
2
.
2
≤ V
N
I ≤
V
5
.
6
4
.
0
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
e
l
b
a
n
E
)
4
(
I
N
E
V
0
≤ V
N
E
≤ V
N
I
5
.
0
-
0
5
.
0
+
A
µ
G
L
F
d
l
o
h
s
e
r
h
T
g
a
l
FV
)
G
L
F
(
H
T
)l
a
n
i
m
o
n
w
o
l
e
b
(
n
o
it
i
d
n
o
c
e
g
a
tl
o
v
r
e
d
n
U4
-6
-8
-%
4
-2
1
-
e
g
a
tl
o
V
w
o
L
c
i
g
o
L
t
u
p
t
u
OV
G
L
F
I
G
L
F
n
o
it
i
d
n
o
c
e
g
a
tl
o
v
r
e
d
n
u
,
A
m
1
=
4
.
0
V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
g
a
l
FI
G
L
F
V
,
F
F
O
g
a
l
F
G
L
F
V
5
.
6
o
t
V
0
=
1
-
1
.
0
1
+
A
µ
n
o
i
t
c
e
t
o
r
P
e
r
u
t
a
r
e
p
m
e
T
r
e
v
O
l
e
v
e
L
p
ir
T
h
g
i
HT
I
H
0
5
1C
°
s
i
s
e
r
e
t
s
y
HT
T
S
Y
H
0
2C
°
NOTES:
(1) Low duty cycle pulse testing with Kelvin connections required.
(2) V
IN(MIN) = 2.25V.
(3) Defined as the input to output differential at which the output voltage drops 100mV below the value measured
at a differential of 1V. Not measurable on 1.5V and 1.8V parts due to minimum V
IN constraints.
(4) Guaranteed by design
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com