Electronic Components Datasheet Search
  English  ▼

X  

SC1112STR Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1112STR
Description  Triple Low Dropout Regulator Controllers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1112STR Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1112STR Datasheet HTML 6Page - Semtech Corporation SC1112STR Datasheet HTML 7Page - Semtech Corporation SC1112STR Datasheet HTML 8Page - Semtech Corporation SC1112STR Datasheet HTML 9Page - Semtech Corporation SC1112STR Datasheet HTML 10Page - Semtech Corporation SC1112STR Datasheet HTML 11Page - Semtech Corporation SC1112STR Datasheet HTML 12Page - Semtech Corporation SC1112STR Datasheet HTML 13Page - Semtech Corporation SC1112STR Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1112
Typical Characteristics (Cont.)
400
450
500
550
600
650
700
750
800
0
102030
40
50
6070
Ta (°C.)
Source current
Sink current
VTT Gate Current @ Vgate = 3V, 5V Stby = 4.75V vs Ta
21.60
21.80
22.00
22.20
22.40
22.60
22.80
23.00
23.20
23.40
23.60
0
102030
40
506070
Ta (°C.)
5V Stby = 5.25V
5V Stby = 5.00V
5V Stby = 4.75V
VTT Short circuit Delay source current vs Ta
7.70
7.80
7.90
8.00
8.10
8.20
8.30
8.40
0
1020
30
405060
70
Ta (°C.)
5V Stby = 4.75V
5V Stby = 5.00V
5V Stby = 5.25V
VTT Short circuit Delay Time (Cdelay = 0.1uF) vs Ta
1.465
1.470
1.475
1.480
1.485
1.490
1.495
1.500
1.505
1.510
1.515
0
102030
40
506070
Ta (°C.)
5V Stby = 4.75V
5V Stby = 5.00V
5V Stby = 5.25V
VTT Short circuit Delay Timer Threshold vs Ta



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com