Electronic Components Datasheet Search
  English  ▼

X  

SC1112STR Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC1112STR
Description  Triple Low Dropout Regulator Controllers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1112STR Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC1112STR Datasheet HTML 7Page - Semtech Corporation SC1112STR Datasheet HTML 8Page - Semtech Corporation SC1112STR Datasheet HTML 9Page - Semtech Corporation SC1112STR Datasheet HTML 10Page - Semtech Corporation SC1112STR Datasheet HTML 11Page - Semtech Corporation SC1112STR Datasheet HTML 12Page - Semtech Corporation SC1112STR Datasheet HTML 13Page - Semtech Corporation SC1112STR Datasheet HTML 14Page - Semtech Corporation SC1112STR Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1112
7.70
7.80
7.90
8.00
8.10
8.20
8.30
8.40
0
102030
40506070
Ta (°C.)
5V Stby = 4.75V
5V Stby = 5.00V
5V Stby = 5.25V
7.70
7.80
7.90
8.00
8.10
8.20
8.30
8.40
0
102030
405060
70
Ta (°C.)
5V Stby = 4.75V
5V Stby = 5.00V
5V Stby = 5.25V
21.40
21.60
21.80
22.00
22.20
22.40
22.60
22.80
23.00
23.20
23.40
23.60
0
10203040506070
Ta (°C.)
5V Stby = 5.25V
5V Stby = 5.00V
5V Stby = 4.75V
Typical Characteristics (Cont.)
1.080
1.082
1.084
1.086
1.088
1.090
1.092
1.094
1.096
1.098
0
10
2030
4050
6070
Ta (°C.)
5V Stby = 5.25V
5V Stby = 5.00V
5V Stby = 4.75V
1.350
1.351
1.352
1.353
1.354
1.355
1.356
1.357
1.358
1.359
1.360
1.361
0
102030
405060
70
Ta (°C.)
5V Stby = 5.25V
5V Stby = 5.00V
5V Stby = 4.75V
VTT (1.25V) Power Good Threshold vs Ta
VTT (1.25V) Power Good Delay Time vs Ta
VTT (1.5V) Power Good Delay Time vs Ta
VTT Power Good Source current vs Ta
VTT (1.5V) Power Good Threshold vs Ta



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com