Electronic Components Datasheet Search
  English  ▼

X  

SC1112TSTRT Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC1112TSTRT
Description  Triple Low Dropout Regulator Controllers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1112TSTRT Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC1112TSTRT Datasheet HTML 13Page - Semtech Corporation SC1112TSTRT Datasheet HTML 14Page - Semtech Corporation SC1112TSTRT Datasheet HTML 15Page - Semtech Corporation SC1112TSTRT Datasheet HTML 16Page - Semtech Corporation SC1112TSTRT Datasheet HTML 17Page - Semtech Corporation SC1112TSTRT Datasheet HTML 18Page - Semtech Corporation SC1112TSTRT Datasheet HTML 19Page - Semtech Corporation SC1112TSTRT Datasheet HTML 20Page - Semtech Corporation SC1112TSTRT Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1112
Adjustable Output Voltage Option
The adjustable output voltage option does not have an
internal resistor divider. The adjust pin connects directly to
the inverting input of the error amplifier, and the
output voltage is set using external resistors (please
refer to Figure 2). In this case, the adjust pin sources a
nominal 0.5µA, so the resistor values should be selected
to allow 50µA to flow through the divider. Again, a target
value
for
RB
(maximum)
can
be
calculated:
Ω
≤
A
50
V
200
.
1
RB
µ
The output voltage can be calculated as follows:
RA
A
5
.
0
RB
RA
1
200
.
1
VOUT
•
−
 +
•
=
µ
The maximum output voltage that can be obtained from
the adjustable option is determined by the input supply
voltage and the R
DS(ON) and gate threshold voltage of the
external MOSFET. Assuming that the MOSFET gate
threshold voltage is sufficiently low for the output
voltage chosen and a worst-case drive voltage of 9V, V
OUT(MAX)
is given by:
)
MAX
)(
ON
(
DS
)
MAX
(
OUT
)
MIN
(
)
MAX
(
OUT
R
I
VTTIN
V
•
−
=
Applications Infomation (Cont.)
Figure 1: Adjusting The Output Voltage of VTT or AGP
Q1
SC1112
PWRGD
DELAY
5VSTBY
VTTSEL
AGPSEL
GND
FC
CAP+
CAP-
VTTGATE
VTTSEN
AGPGATE
AGPSEN
ADJGATE
ADJSEN
VTTIN
C14
330u
AGP SELECT Signal
C8
330u
AGP
C17
0.1u
C16
330u
C3
0.1u
C1
10u
C18
330u
VTT SELECT Signal
+3.3V
+5V STBY
Q3
C9
0.1u
VTT
C19
330u
C2
R1
R2
RA
SC11
PWRGD
DELAY
5VSTBY
FC
CAP+
CAP-
ADJGATE
ADJSEN
Q2
C12
330u
RB
POWER GOOD
C5
22n
C10
1u
C13
0.1u
R1
1K
C11
0.1u
C6
330u
VTT
Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com